전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX5035BASA/V+ 데이터시트(PDF) 16 Page - Analog Devices

부품명 MAX5035BASA/V+
상세설명  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

MAX5035BASA/V+ 데이터시트(HTML) 16 Page - Analog Devices

Back Button MAX5035BASA/V+ Datasheet HTML 9Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 10Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 11Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 12Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 13Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 14Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 15Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 16Page - Analog Devices MAX5035BASA/V+ Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
MAX5035B
CIN
68
µF
COUT
68
µF
L1
220
µH
FB
VOUT
5V
BST
LX
SGND
0.1
µF
0.1
µF
GND
VIN
7.5V TO 36V
VIN
R1
Rt
Ct
D1
B240
VD
ON/OFF
MAX5035A
C'IN
68
µF
C'OUT
68
µF
L1'
100
µH
FB
V'OUT
3.3V
BST
LX
SGND
0.1
µF
0.1
µF
GND
VIN
R1'
Rt'
Ct'
D1'
B240
VD
ON/OFF
Figure 4. Dual-Sequenced DC-DC Converters (Startup Delay Determined by R1/R1’, Ct/Ct’ and Rt/Rt’)
Chip Information
PROCESS: BiCMOS
Ordering Information (continued)
PART
TEMP RANGE
PIN-
PACKAGE
OUTPUT
VOLTAGE
(V)
MAX5035CUSA
0°C to +85°C
8 SO
MAX5035CUPA
0°C to +85°C
8 PDIP
MAX5035CASA
-40°C to +125°C 8 SO
MAX5035CASA/V+ -40°C to +125°C 8 SO
12
MAX5035DUSA
0°C to +85°C
8 SO
MAX5035DUPA
0°C to +85°C
8 PDIP
MAX5035DASA
-40°C to +125°C 8 SO
MAX5035DASA/V+ -40°C to +125°C 8 SO
ADJ
MAX5035EUSA
0°C to +85°C
8 SO
MAX5035EASA
-40°C to +125°C 8 SO
MAX5035EASA/V+
-40°C to +125°C 8 SO
ADJ
/V denotes an automotive qualified part.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE NO.
LAND
PATTERN NO.
8 SO
S8+2
21-0041
90-0096
8 PDIP
P8+1
21-0043
—
MAX5035
16
Maxim Integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com