전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2170486 데이터시트(PDF) 2 Page - Lapp.

부품명 2170486
상세설명  ETHERLINE® Y Flex CAT.5e 4x2x26/7 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LAPP [Lapp.]
홈페이지  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170486 데이터시트(HTML) 2 Page - Lapp.

  2170486 Datasheet HTML 1Page - Lapp. 2170486 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170486
DATA SHEET
valid from:
23.03.2020
Y Flex CAT.5e
4x2x26/7 AWG
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170486EN
Version:
04
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Electrical transmission properties at 20°C
The transmission characteristics meet the requirements of the standards EN 50288-2-2 and IEC 61156-6 for category 5e.
The normative requirements for the transmission properties are shown in the following table:
f [MHz]
4
10
16
20
31,25
62,5
100
(max.) Attenuation
[dB/100 m]
6
9,5
12,1
13,5
17,1
24,8
32
(min.) TCL
[dB]
34
30
28
27
25,1
22
20
(min.) EL TCTL
[dB/100 m]
23
15
10,9
9
5,1
---
---
(min.) NEXT
[dB]
56,3
50,3
47,2
45,8
42,9
38,4
35,3
(min.) PS EL FEXT
[dB/100 m]
49
41
36,9
35
31,1
25,1
21
(min.) ACR-F/EL FEXT
[dB/100 m]
52
44
39,9
38
34,1
28,1
24
(min.) Return Loss
[dB]
23
25
25
25
23,6
21,5
20,1
Mechanical and thermal properties
Minimum bending radius
fixed:
8x cable ∅
occasional flexing:
15x cable ∅
Temperature range
fixed:
-40 ˚C up to +80 ˚C
occasional flexing:
-10 ˚C up to +70 ˚C
Flammability
flame retardant acc. to IEC 60332-3-24 resp. EN 60332-3-24
FT4 acc. to UL 1685
UV resistance
SUN RES acc. To UL1581
Oil resistance
OIL RES acc. To UL1581
General requirements
These cables are conform to the EU-Directive 2011/65/EU (RoHS, Restriction of the use of
certain hazardous substances) and the LV-Directive 2014/35/EU (Low voltage Directive).
Environmental information
These cables meet the substance-specific requirements of the EU Directive 2011/65/EU
(RoHS).



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com