전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0803945 데이터시트(PDF) 1 Page - PHOENIX CONTACT

부품명 0803945
상세설명  Label, highly flexible - MM-EMLF (EX10)R C1 BU/WH - 0803945
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803945 데이터시트(HTML) 1 Page - PHOENIX CONTACT

  0803945 Datasheet HTML 1Page - PHOENIX CONTACT 0803945 Datasheet HTML 2Page - PHOENIX CONTACT 0803945 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/gb/products/0803945
06/20/2018   Page 1 / 3
Label, highly flexible - MM-EMLF (EX10)R C1 BU/WH - 0803945
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Highly flexible label, continuous, cassette, blue with white imprint, mounting type: adhesive, can be marked
with THERMOFOX
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626212241
Weight per Piece (excluding packing)
58.200 g
Custom tariff number
39199080
Country of origin
China
Technical data
Dimensions
Length (b)
8000 mm
Width (a)
10 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 75 °C
Recommended storage conditions
20°C/50% relative humidity. Storage in the original packaging is
recommended.
General
Color
blue
Components
Free from silicone and cadmium
Material
Vinyl polymer
RoHS compliant
Yes
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Adhesive
Acrylic
Printability
Thermal transfer


유사한 부품 번호 - 0803945

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
0803945 PHOENIX-0803945 Datasheet
210Kb / 15P
Thermal transfer printer - THERMOFOX - 0803984
03/27/2018
More results

유사한 설명 - 0803945

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
0804197 PHOENIX-0804197 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R BU
0804198 PHOENIX-0804198 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R RD
0804199 PHOENIX-0804199 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R OG
0803937 PHOENIX-0803937 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 WH/BK
0803939 PHOENIX-0803939 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 WH/BK
0803940 PHOENIX-0803940 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 WH/BK
0803941 PHOENIX-0803941 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 YE/BK
0803942 PHOENIX-0803942 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX12)R C1 YE/BK
0803943 PHOENIX-0803943 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 YE/BK
0803958 PHOENIX-0803958 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 OG/BK
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com