| 전자부품 데이터시트 검색엔진 |
|
4160402 데이터시트(PDF) 1 Page - Lapp. |
|
|
|||||||||||||||||||||||||||||
4160402 데이터시트(HTML) 1 Page - Lapp. |
|
1 / 8 page ![]() PRODUCT INFORMATION MULTI-STANDARD SC 2.1 USA: UL-listed (MTW), Canada: CSA (TEW), Europe: <HAR> H07V-K (depending on cross s.), tin-coated strands Lapp Kabel® MULTI-STANDARD SC 2.1, power and control cable, PVC single core for field wiring, UL MTW VW-1, UL AWM style 1015 600 V, CSA TEW FT1, HAR H07V-K Info The all-rounder for many markets Oil-resistant Benefits For use in the most important global markets Reduction in technical documentation Easier storage; increases the cost-effectiveness of the production process Works with "Conductor end sleeves XL, insulated" Application range Factory wiring Field wiring Internal wiring of devices Control cabinet wiring Product features Flame-retardant according IEC 60332-1-2 Flame-retardant according to UL VW1/CSA FT1 Oil-resistant Last Update (05.02.2018) 1 / 8 ©2018 Lapp Group - Technical changes reserved Product Management www.lappkabel.de You can find the current technical data in the corresponding data sheet. PN 0456 / 02_03.16 |
유사한 부품 번호 - 4160402 |
|
유사한 설명 - 4160402 |