전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS1012ARDB-PC 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 LS1012ARDB-PC
상세설명  Reference Design Board Errata
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012ARDB-PC 데이터시트(HTML) 5 Page - NXP Semiconductors

  LS1012ARDB-PC Datasheet HTML 1Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 2Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 3Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 4Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 5Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 6Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 7Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 8Page - NXP Semiconductors LS1012ARDB-PC Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
E-00004:
DDR3L write levelling issue
Description: The board layout does not meet the write levelling requirements mentioned in the LS1012A
design checklist.
Impact:
The DDR3 memory fails during write leveling calibration.
Workaround: Currently, the board does not support this layout. There is no workaround available for the
impacted revisions.
Fix plan:
The Rev. D and higher boards will include changes related to the CK/CK# and DQS/DQS#
length requirements.
LS1012A Reference Design Board Errata, Rev. 2, 02/2017
NXP Semiconductors
5



Html Pages

1 2 3 4 5 6 7 8 9