전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

631900 데이터시트(PDF) 1 Page - Stannol GmbH & Co KG

부품명 631900
상세설명  STANNOL Solder Wire HS10 The
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANNOL [Stannol GmbH & Co KG]
홈페이지  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG

631900 데이터시트(HTML) 1 Page - Stannol GmbH & Co KG

  631900 Datasheet HTML 1Page - Stannol GmbH & Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Data Sheet
The above values are typical and represent no form of specification. The Data Sheet serves for information purposes. Any verbal or written advise is not binding for the
company, whether such information originates from the company offices or from a sales representative. This is also in respect of any protection rights of third parties, and
does not release the customer from the responsibility of verifying the products of the company for suitability of use for the intended process or purpose. Should any liability
on the part of the company arise, the company will only indemnify for loss or damage to the same extent as for defects in quality.
TDB_LD_HS10_EN
Page 1 of 1
Issue: 25.07.11
STANNOL GmbH
Oskarstraße 3-7
• 42283 Wuppertal • Tel. +49 (0)202-585-0 • Telefax +49 (0)202-585111 • E-Mail info@stannol.de • Web www.stannol.de
Wenn’s ums Löten geht
When it’s about soldering
Quand il s’agit du soudage
®
STANNOL
STANNOL
® Solder Wire HS10
The electronic solder wire HS10 is a proven and reliable product of Stannol research,
which was developed to meet high quality requirements in industrial electronic production as
well as for quick rework.
Description
STANNOL
® solder wire HS10 is very efficient by its high activity, which results in quick spread of solder and electrical
safe residues.
STANNOL
® solder wire HS10 is a halide activated rosin (colophony) flux.
STANNOL
® solder wire HS10 conforms to IEC 61190-1-3 type ROM1
This activated rosin shows following properties/advantages:
solid and dry residues, pin testable
fast soldering, high spread speed
high reliability
Application
STANNOL
® solder wire HS10 can be used for hand and robot soldering in electronics and electrical assembly, audio
devices and telecommunication. Flux residues can remain on surfaces without cleaning.
If cleaning is necessary for optical or technical reasons, we recommend the use of the cleaner STANNOL
® Flux-Ex
200B or STANNOL
® Flux-Ex 500.
Physical Properties and Data
General properties
STANNOL
® solder wire HS10
Flux type:
ROM1 (IEC 61190-1-3) / 1.1.2.B (DIN EN 29454-1) / F-SW26
Flux content:
standard 2.5 weight % ± 0.3 %
Halide content:
0.9 %
Corrosion effect:
none, according to DIN 8516
lead-containing:
lead-free (ECOLOY
® Series):
S-Sn60Pb40
ECOLOY
® TS (S-Sn96Ag4)
S-Sn60Pb39Cu1
ECOLOY
® TSC (S-Sn95Ag4Cu1)*
S-Pb60Sn40
ECOLOY
® TC (S-Sn99Cu1)
Standard alloys
acc. to ISO 9453:2006
S-Sn62Pb36Ag2
ECOLOY
® TSC305 (S-Sn96Ag3Cu1)
Available diameters:
from 0.3 mm
Available reel sizes:
250 g, 500 g, 1 kg
* The use of this solder can mean that solder joints / soldered parts on products, which are destined for export to the USA, can become patent-protected and
therefore liable to licence fees.
As a licence holder, we can discharge the royalties for our clients. Please contact us.
Other alloys, diameters flux contents or reel sizes are available on request.
Health and Safety
Before using please read the material safety data sheet carefully and observe the safety precautions described.


유사한 부품 번호 - 631900

제조업체부품명데이터시트상세설명
logo
Stannol GmbH & Co KG
631902 STANNOL-631902 Datasheet
62Kb / 2P
Lead-Free Alloys for Electronics
03.09.04
More results

유사한 설명 - 631900

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
800-1403-0-SJT0-BL-00050 ETC2-800-1403-0-SJT0-BL-00050 Datasheet
1Mb / 1P
THE USE OF PRINTING INK REPLENISH WIRE
logo
ALPS ELECTRIC CO.,LTD.
SKTD ALPS-SKTD Datasheet
798Kb / 3P
Soldering of the frame realizes higher solder strength
logo
Japan Aviation Electron...
ES10 JAE-ES10 Datasheet
290Kb / 5P
Just need to insert the stripped wire into the connector for connection.
logo
Aries Electronics, Inc.
0503 ARIES-0503 Datasheet
554Kb / 1P
Available with Solder Pin Tails or Wire Wrap Pins
503 ARIES-503 Datasheet
658Kb / 1P
Available with Solder Tail or Wire Wrap Pins
511 ARIES-511 Datasheet
526Kb / 1P
Bifurcated Contacts with Solder Tail or Wire Wrap Pins
0513 ARIES-0513 Datasheet
543Kb / 1P
Available with Solder Pin Tails or Wire Wrap Pins
logo
Soberton Inc.
SP-4005-1 SOBERTON-SP-4005-1 Datasheet
238Kb / 1P
Solder Eyelet Wire
logo
Tyco Electronics
408-8991 MACOM-408-8991 Datasheet
139Kb / 5P
The die assembly features a wire anvil, a wire crimper, and two spacers.
logo
TE Connectivity Ltd
CWT-150X TEC-CWT-150X Datasheet
98Kb / 1P
Solder Sleeve One Step Wire Terminator Low Temperature
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com