전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

591 데이터시트(PDF) 14 Page - Dialight Corporation

부품명 591
상세설명  Surface Mount LED Selector Guide
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALIGHT [Dialight Corporation]
홈페이지  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591 데이터시트(HTML) 14 Page - Dialight Corporation

Back Button 591 Datasheet HTML 8Page - Dialight Corporation 591 Datasheet HTML 9Page - Dialight Corporation 591 Datasheet HTML 10Page - Dialight Corporation 591 Datasheet HTML 11Page - Dialight Corporation 591 Datasheet HTML 12Page - Dialight Corporation 591 Datasheet HTML 13Page - Dialight Corporation 591 Datasheet HTML 14Page - Dialight Corporation 591 Datasheet HTML 15Page - Dialight Corporation 591 Datasheet HTML 16Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
2mA Low Current Prism
®
CBI
®
Order Code
591 - 2X 04 - X XX F
Color
Package Options
RoHS Compliant
Lens Type
Round Lens
Square Lens
Packaging Type
02
20 piece strip
07
7" Reel dia. / 400pcs
13
13" Reel dia. / 1600pcs
.105+.010
[2,66+0,25]
.240+.010
[6,1+0,25]
Ø.112 TYP
[2,85]
.004
[0,1]
MAX BELOW
SURFACE A
.120
[3,05]
C OF LED
L
.007
[0,18]
MAX ABOVE
SURFACE A
CATHODE ID
LED LEAD
SOLDERING
SURFACE A
.082+.010
.107+.005
.004
MAX
BELOW
SURFACE A
.120
C OF LED
L
.007
MAX ABOVE
SURFACE A
CATHODE ID
.240 REF
LED LEAD
SOLDERING
SURFACE A
.170+.010
[4,32+0,25]
.112+.05
[2,85+0,12]
,120
+,005
-,010
[3,05+0,13]
- 0,25
SOLDER PLATED
TYP
.198+.010
[5,03+0,25]
.198+.009
SOLDER PLATED
TYP
.170 REF
.125 MAX
Color
0Red
3
Green
4
Yellow
5
Orange
Lens Type
0
Round
1
Square
Low Current Surface Mount LED
NEW
!
2mA
NEW
!
2mA
www.dialight.com
14
Low Current
SMT LEDs
Dialight
Part Number
Color
Material
Dom. .
λ
Typ. (nm)
Intensity
Typ. (mcd)
Forward
Voltage
Typ. (V)
Viewing
Angle
Height
Test
Current
(mA)
Fig
Type
PLCC-2 Series Package with Reflector (3.5mm X 2.8mm X Height )
597-3008-207F
Red
InGaAIP
630
12.6
1.8
120
1.9
2mA
23
Single Color
597-3208-207F
Orange
InGaAIP
606
19.6
1.8
120
1.9
2mA
23
Single Color
597-3308-207F
Green
InGaAIP
570
6.3
1.8
120
1.9
2mA
23
Single Color
597-3408-207F
Yellow
InGaAIP
587
15.7
1.8
120
1.9
2mA
23
Single Color
Right Angle - 1616 Series Package with Reflector ( 4mm X 4mm X Height)
597-2001-213F
Red
Gap/GaAsP
630
7.8
1.8
120
3.6
2mA
22
Single Color
597-2301-213F
Green
GaP/GaP
570
5.6
1.8
120
3.6
2mA
22
Single Color
597-2401-213F
Yellow
Gap/GaAsP
587
14
1.8
120
3.6
2mA
22
Single Color
Reverse Mount - 1206 Series Package (3.2mm X 1.6 X Height)
597-6901-607F
White
InGaN
x .304,y.301
70
3
70
1.1
5ma
27
Single Color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com