전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STF/I15NM60N 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 STF/I15NM60N
상세설명  N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF/I15NM60N 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button STF/I15NM60N Datasheet HTML 10Page - STMicroelectronics STF/I15NM60N Datasheet HTML 11Page - STMicroelectronics STF/I15NM60N Datasheet HTML 12Page - STMicroelectronics STF/I15NM60N Datasheet HTML 13Page - STMicroelectronics STF/I15NM60N Datasheet HTML 14Page - STMicroelectronics STF/I15NM60N Datasheet HTML 15Page - STMicroelectronics STF/I15NM60N Datasheet HTML 16Page - STMicroelectronics STF/I15NM60N Datasheet HTML 17Page - STMicroelectronics STF/I15NM60N Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
STB15NM60N - STF/I15NM60N - STP15NM60N - STW15NM60N
Package mechanical data
15/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.85
5.15
0.19
0.20
A1
2.20
2.60
0.086
0.102
b
1.0
1.40
0.039
0.055
b1
2.0
2.40
0.079
0.094
b2
3.0
3.40
0.118
0.134
c
0.40
0.80
0.015
0.03
D
19.85
20.15
0.781
0.793
E
15.45
15.75
0.608
0.620
e5.45
0.214
L
14.20
14.80
0.560
0.582
L1
3.70
4.30
0.14
0.17
L2
18.50
0.728
øP
3.55
3.65
0.140
0.143
øR
4.50
5.50
0.177
0.216
S5.50
0.216
TO-247 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com