전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STMPE821 데이터시트(PDF) 50 Page - STMicroelectronics

부품명 STMPE821
상세설명  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 데이터시트(HTML) 50 Page - STMicroelectronics

Back Button STMPE821 Datasheet HTML 46Page - STMicroelectronics STMPE821 Datasheet HTML 47Page - STMicroelectronics STMPE821 Datasheet HTML 48Page - STMicroelectronics STMPE821 Datasheet HTML 49Page - STMicroelectronics STMPE821 Datasheet HTML 50Page - STMicroelectronics STMPE821 Datasheet HTML 51Page - STMicroelectronics STMPE821 Datasheet HTML 52Page - STMicroelectronics STMPE821 Datasheet HTML 53Page - STMicroelectronics STMPE821 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
Package mechanical data
STMPE821
50/55
13
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 13.
QFN16L (2.6 x 1.8 mm) package outline
1.
Drawing not to scale.
2.
Dimensions are in millimeters.
BOTTOM VIEW
QFN16L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55