| 전자부품 데이터시트 검색엔진 |
|
STR730FZ1H6 데이터시트(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR730FZ1H6 데이터시트(HTML) 12 Page - STMicroelectronics |
|
12 / 52 page ![]() Block diagram STR73xFxx 12/52 3.2.2 STR730F/STR735F (LFBGA144) Note: CAN alternate functions not available on STR735F. Table 3. STR730F/STR735F LFBGA ball connections Ball Name Ball Name Ball Name Ball Name A1 P0.0 / OCMPB2 B1 P0.4 / OCMPA5 C1 P0.5 / OCMPB5 D1 VSS A2 P6.10 / WUP8 B2 P0.1 / OCMPA2 C2 P0.2 / ICAPA2 D2 VDD A3 P6.9 / TDO0 B3 P6.15 / WUP9 C3 P0.3 / ICAPB2 D3 P0.6 / ICAPA5 A4 P6.12 / MOSI0 B4 P6.13 / SCKO / WUP11 C4 P6.14 / SSO D4 P0.7 /ICAPB5 A5 P6.6 / WUP6 B5 P6.7 / WUP7 C5 P6.8 / RDI0 / WUP10 D5 P6.11 / MISO0 A6 V18 B6 P6.2 / WUP2 / RDI3 C6 P6.3 / WUP3 D6 P6.4 / WUP4 /TDO3 A7 P5.15 / INT13 B7 P5.14 / INT12 C7 VSS D7 VDD A8 P5.8 / INT6 B8 P5.9 / INT7 C8 P5.10 / INT8 / RDI2 D8 P5.12 / INT10 A9 P5.2 / OCMPA9 B9 P5.3 / OCMPB9 C9 P5.4 / SS2 D9 P5.5 / SCK2 / WUP23 A10 P5.7 / MISO2 B10 P5.0 / MOSI1 C10 P5.1 / MISO1 D10 P4.13 / ICAPB9 A11 P5.6 / MOSI2 B11 P4.15 / SCK1 / WUP22 C11 P4.14 / SS1 D11 P4.12 / ICAPA9 / WUP21 A12 P5.11 / TDO2 / INT9 B12 P4.8 / OCMPA8 C12 P4.7 / SDA1 D12 P4.11 / OCMPB8 E1 P0.8 / OCMPA6 F1 VDD G1 VSS H1 VDD E2 P0.9 / OCMPB6 F2 P0.13 / ICAPB3 G2 P1.2 / ICAPB4 H2 P1.8 / OCMPA0 / INT0 E3 P0.10 / OCMPA7 F3 P0.14 / OCMPB3 G3 P1.3 / ICAPA4 H3 P1.9 / OCMPB0 / INT1 E4 P0.11 / OCMPB7 F4 P0.15 / OCMPA3 G4 VSS H4 P1.10 / ICAPB0 / WUP28 E5 P0.12 / ICAPA3 F5 P1.0 / OCMPA4 G5 P1.5 H5 XTAL2 E6 P6.5 / WUP5 F6 P1.1 / OCMPB4 G6 P2.11 / WUP17 H6 P2.10 / WUP16 E7 P6.0 / WUP0 F7 P6.1 / WUP1 G7 P4.0 / ICAPA7 / WUP24 H7 P2.15 / SDA 0 E8 P5.13 / INT11 F8 P4.4 / CAN2TX1) G8 VDD H8 JTMS E9 P4.10 / ICAPA6 / WUP20 F9 P4.3 / ICAPB8 / WUP27 G9 VSS H9 VSS E10 P4.9 / ICAPB6 F10 P4.2 / ICAPA8 / WUP26 G10 JTDO H10 VDD E11 P4.6 / SCL1 / WUP19 F11 P4.1 / ICAPB7 / WUP25 G11 JTCK H11 P3.15 / AIN15 / INT5 E12 P4.5 / WUP18 / CAN2RX 1) F12 JTDI G12 nJTRST H12 P3.14 / AIN14 / INT4 J1 P1.4 K1 P1.6 / OCMPB1 L1 P1.7 / OCMPA1 M1 P1.14 / CAN0RX1) / WUP12 J2 P1.11 / ICAPA0 / WUP29 K2 P1.13 / ICAPB1 / WUP31 L2 P1.15 / CAN0TX1) M2 P2.4 / PWM2 J3 P1.12 / ICAPA1 / WUP30 K3 P2.1 / CAN1RX1) / WUP13 L3 P2.0 / PWM0 M3 P2.5 / PWM3 J4 P2.7 / PWM5 K4 P2.6 / PWM4 L4 P2.3 / PWM1 M4 P2.2 / CAN1TX1) J5 VDD K5 M1 L5 RSTIN M5 M0 J6 P2.9 / RDI1 / WUP14 K6 P2.8 / TDO1 L6 VSS M6 VSS J7 P2.14 / SCL 0 / WUP15 K7 P2.13 / INT15 L7 P2.12 / INT14 M7 XTAL1 J8 P3.1 / AIN1 K8 P3.0 / AIN0 L8 VBIAS M8 TST J9 P3.13 / AIN13 / INT3 K9 P3.4 / AIN4 L9 P3.3 / AIN3 M9 P3.2 / AIN2 J10 P3.12 / AIN12 / INT2 K10 VDDA L10 P3.5 / AIN5 M10 VSS J11 P3.9 / AIN9 K11 VSSA L11 P3.7 / AIN7 M11 VDD J12 P3.8 / AIN8 K12 P3.11 / AIN11 L12 P3.10 / AIN10 M12 P3.6 / AIN6 |