전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

THAT2181A 데이터시트(PDF) 8 Page - THAT Corporation All rights reserved.

부품명 THAT2181A
상세설명  Blackmer® Trimmable IC Voltage Controlled Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THAT [THAT Corporation All rights reserved.]
홈페이지  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT2181A 데이터시트(HTML) 8 Page - THAT Corporation All rights reserved.

Back Button THAT2181A Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 9Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 10Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 11Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 12Page - THAT Corporation All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
the familiar ratio of Rf /Ri for an inverting opamp will
determine the overall voltage gain when the 2181 is
set for 0 dB current gain. Since the VCA performs
best at settings near unity gain, use the input and
feedback resistors to provide design-center gain or
loss, if necessary.
A small feedback capacitor around the output
opamp is needed to cancel the output capacitance of
the VCA. Without it, this capacitance will destabilize
most opamps. The capacitance at pin 8 is typically
15 pF.
Power Supplies
Positive
The positive supply is connected directly to V+
(pin 7). No special bypassing is necessary, but it is
good practice to include a small (~1 μf) electrolytic
or (~0.1 μf) ceramic capacitor close to the VCA IC on
the PCB. Performance is not particularly dependent
on supply voltage. The lowest permissible supply
voltage is determined by the sum of the input and
output currents plus ISET , which must be supplied
through the output of the internal transconductance
amplifier and down through the core and voltage bias
generator. Reducing signal currents may help accom-
modate low supply voltages. THAT Corporation
intends to publish an application note covering
operation on low supply voltages. Please inquire for
its availability.
The highest permissible supply voltage is fixed by
the process characteristics and internal power
consumption. +18 V is the nominal limit.
Negative
The negative supply terminal is V- (pin 5). Unlike
normal negative supply pins, this point is intended to
be connected to a current source ISET (usually simply
a resistor to VEE), which determines the current avail-
able for the device. As mentioned before, this source
must supply the sum of the input and output signal
currents, plus the bias to run the rest) of the IC. The
minimum value for this current is 570 μA over the
sum of the required signal currents. Usually, ISET
should equal 2.4 mA for most pro audio applications
with ±15 V supplies. Higher bias levels are of limited
value, largely because the core transistors become
ineffective at logging and antilogging at currents over
1 mA.
Mathematically, this can be expressed as
ICELL ≥ Peak (IIN) + Peak (IOUT) + 220 μA; and
ICELL = ISET - 350 μA. Therefore,
ISET ≥ Peak (IIN) + Peak (IOUT) + 570 μA.
The voltage at V- (pin 5) is four diode drops
below ground, which, for the 2181, is approximately
-2.85 V. Since this pin connects to a (high
impedance) current supply, not a voltage supply,
bypassing at pin 5 is not normally necessary.
Ground
The GND pin (pin 6) is used as a ground refer-
ence for the VCA. The non-inverting input of the
internal opamp is connected here, as are various
portions of the internal bias network. It may not be
used as an additional input pin.
Voltage Control
Negative Sense
EC- (pin 3) is the negative voltage control port.
This point controls gain inversely with applied
voltage: positive voltage causes loss, negative voltage
causes gain. As described on Page 5, the current gain
of the VCA is unity when pin 3 is at 0 V with respect
to pin 2, and varies with voltage at approximately
-6.1 mV/dB, at room temperature.
Positive Sense
As mentioned earlier, EC+ (pin 2) is the positive-
sense voltage control port. A typical circuit using this
approach is shown in Figure 15. EC- (Pin 3) should be
grounded,
and
EC+
(pin
2)
driven
from
a
low-impedance voltage source. Using the opposite
sense of control can sometimes save an inverter in
the control path.
Positive and Negative
It is also possible (and sometimes advantageous)
to drive both control ports, either with differential
drive (in which case, the control sensitivities of each
port are summed), or through two different control
signals. There is no reason why both control ports
cannot be used simultaneously.
Document 600030 Rev 02
Page 8 of 12
THAT 2181 Series
Blackmer® Trimmable IC VCAs
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2008, THAT Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com