전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EVPBF6C1A000 데이터시트(PDF) 2 Page - Panasonic Semiconductor

부품명 EVPBF6C1A000
상세설명  6mm Square Middle Travel SMD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPBF6C1A000 데이터시트(HTML) 2 Page - Panasonic Semiconductor

  EVPBF6C1A000 Datasheet HTML 1Page - Panasonic Semiconductor EVPBF6C1A000 Datasheet HTML 2Page - Panasonic Semiconductor EVPBF6C1A000 Datasheet HTML 3Page - Panasonic Semiconductor EVPBF6C1A000 Datasheet HTML 4Page - Panasonic Semiconductor EVPBF6C1A000 Datasheet HTML 5Page - Panasonic Semiconductor EVPBF6C1A000 Datasheet HTML 6Page - Panasonic Semiconductor EVPBF6C1A000 Datasheet HTML 7Page - Panasonic Semiconductor EVPBF6C1A000 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Tactile●Switches●EVPBF
ANCTB97E 202101
Panasonic Corporation 2021
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
Part Numbers
Operating Force
Height
Push Plate Color
Ground Terminal
Operating Life
EVPBFAC1A000
2.0 N
3.5 mm
Gray
Without
1,000,000 cycles
EVPBF6C1A000
3.5 N
3.5 mm
100,000 cycles
●
■ ●EVPBF
Middlestroke Travel
With J-bent terminals
DIMENSIONS
Unit: mm
The CAD data of the products with a“CAD”mark can be downloaded from our Website.
CAD
External dimensions
Circuit diagram
CAD
PWB land pattern for reference
B
A
A’
B’
6.0
(6.6)
(4.0)
(4.4)
(5.1)
3.5
2.5
φ3.4
Knob
φ3.7
B'
A'
B
A
General dimension tolerance: ±0.2
( ) dimensions are reference dimensions.
8.5
3.0
(2.8)
(6.0)
: Recommended land pattern area.
: No soldering area.
• Any land pattern or via holes shall not be
provided at
area.
• If it's necessary to design land pattern or
via holes at
area,
please apply resist to them to protect their
metal part completely.
• If their metal parts are not protected
completely,short circuit failure may occur
by solder ball.
• Beside, there should be convexoconcave by
designing additional pattern,
it may cause swith tilt, influence on
solder-ability or flux intrusion
after reflow soldering.
• Therefore, please study any influence of
additional land pattern or via holes at
area in advance.
No sordering
ー 2 ー



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com