전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPF5020AMBA0ES 데이터시트(PDF) 16 Page - NXP Semiconductors

부품명 MPF5020AMBA0ES
상세설명  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES 데이터시트(HTML) 16 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 12Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 13Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 14Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 15Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 16Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 17Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 18Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 19Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
16 / 105
The standby state is entered when the STANDBY pin is pulled high or low as defined
by the STANBYINV bit. The STANDBY pin is pulled high/low by the MCU to enter/exit
system low power mode. See Section 14.9.2 "STANDBY" for detailed configuration of the
STANDBY pin.
Each regulator has specific registers to control its output voltage, operation mode and/or
enable/disable state during the standby state.
By default, the VSWx_STBY[7:0] / VLDOx_STBY[3:0] registers are loaded with the data
stored in the OTP_VSWx[7:0] or OTP_VLDOx[3:0] bits respectively.
Upon power up, if the switching regulator is part of the power up sequence, the
SWx_STBY_MODE[1:0] bits will be loaded as needed by the system:
• When OTP_SYNC_MODE = 1, default SWx_STBY_MODE at power up is always set
to PWM (0b01)
• When OTP_SYNC_MODE = 0 and OTP_SYNCOUT_EN = 1, default
SWx_STBY_MODE at power up is always set to PWM (0b01)
• When OTP_FSS_EN = 1, default SWx_STBY_MODE at power up shall always set to
PWM (0b01)
• If none of the above conditions are met, the default value of the SWx_STBY_MODE
bits at power up will be set by the OTP_SW_MODE bits.
When OTP_SW_MODE = 0, the default value of the SWx_STBY_MODE bits are set to
0b11 (autoskip).
When OTP_SW_MODE = 1, the default value of the SWx_STBY_MODE bits are set to
0b01 (PWM).
If the switching regulator is not part of the power up sequence, the
SWx_STBY_MODE[1:0] bits are loaded with 0b00 (Off mode).
Likewise, if the LDO is part of the power up sequence, the LDOx_RUN_EN bit is set to
1 (enabled) by default. If the LDO is not selected as part of the power up sequence, the
LDOx_RUN_EN bit is set to 0 (disabled) by default.
Upon power up, the standby registers are loaded with the same default OTP values as
the run mode. The MCU is expected to program the desired standby values during boot
up.
If any of the external regulators are disabled in the standby state, the power down
sequencer is engaged as described in Section 14.6.2 "Power down sequencing".
13.1.7 WD_Reset
When a hard watchdog reset is present, the state machine increments the
WD_EVENT_CNT[3:0] register and compares against the WD_MAX_CNT[3:0] register.
If WD_EVENT_CNT[3:0] = WD_MAX_CNT[3:0], the state machine detects a cyclic
watchdog failure, it powers down the external regulators and proceeds to the fail-safe
transition.
If WD_EVENT_CNT[3:0] < WD_MAX_CNT[3:0], the state machine performs a hard WD
reset.
A hard WD reset can be generated from either a transition in the WDI pin or a WD event
initiated by the internal watchdog counter as described in Section 15.10.2 "Watchdog
reset behaviors".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com