전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMPF0100F2AEP 데이터시트(PDF) 39 Page - NXP Semiconductors

부품명 MMPF0100F2AEP
상세설명  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F2AEP 데이터시트(HTML) 39 Page - NXP Semiconductors

Back Button MMPF0100F2AEP Datasheet HTML 35Page - NXP Semiconductors MMPF0100F2AEP Datasheet HTML 36Page - NXP Semiconductors MMPF0100F2AEP Datasheet HTML 37Page - NXP Semiconductors MMPF0100F2AEP Datasheet HTML 38Page - NXP Semiconductors MMPF0100F2AEP Datasheet HTML 39Page - NXP Semiconductors MMPF0100F2AEP Datasheet HTML 40Page - NXP Semiconductors MMPF0100F2AEP Datasheet HTML 41Page - NXP Semiconductors MMPF0100F2AEP Datasheet HTML 42Page - NXP Semiconductors MMPF0100F2AEP Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 136 page
background image
NXP Semiconductors
39
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Figure 11. SW1A/B/C single phase block diagram
6.4.4.3.2
SW1A/B single phase - SW1C independent mode
In this configuration, SW1A/B is connected as a single phase with a single inductor, while SW1C is used as an independent output, using
its own inductor and configurations parameters. This configuration allows reduced component count by using only one inductor for SW1A/
B. As mentioned before, SW1A/B and SW1C operate independently from one another, thus, they can be operated with a different voltage
set point for normal, standby, and sleep modes, as well as switching mode selection and on/off control. Figure 12 shows the physical
connection for SW1A/B in single phase and SW1C as an independent output.
Driver
Controller
SW1AIN
SW1ALX
SW1FB
ISENSE
COSW1A
CINSW1A
LSW1
I2C
Interface
SW1A/B/C
SW1AMODE
SW1AFAULT
VIN
Driver
Controller
SW1BIN
SW1BLX
ISENSE
CINSW1B
SW1BMODE
SW1BFAULT
VIN
EA
Z1
Z2
Internal
Compensation
VREF
DAC
I2C
Driver
Controller
EA
Z1
Z2
Internal
Compensation
SW1CIN
SW1CLX
SW1CFB
ISENSE
CINSW1C
EP
SW1CMODE
SW1CFAULT
VREF
DAC
I2C
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More