전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ART-B22-D70/SP6 데이터시트(PDF) 12 Page - LEM

부품명 ART-B22-D70/SP6
상세설명  Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEM [LEM]
홈페이지  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

ART-B22-D70/SP6 데이터시트(HTML) 12 Page - LEM

Back Button ART-B22-D70/SP6 Datasheet HTML 4Page - LEM ART-B22-D70/SP6 Datasheet HTML 5Page - LEM ART-B22-D70/SP6 Datasheet HTML 6Page - LEM ART-B22-D70/SP6 Datasheet HTML 7Page - LEM ART-B22-D70/SP6 Datasheet HTML 8Page - LEM ART-B22-D70/SP6 Datasheet HTML 9Page - LEM ART-B22-D70/SP6 Datasheet HTML 10Page - LEM ART-B22-D70/SP6 Datasheet HTML 11Page - LEM ART-B22-D70/SP6 Datasheet HTML 12Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Page 12/12
18January2018/version 6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
SPLIT CORE ROGOWSKI COIL
ART Series
LEM City answers the demand for an accurate, reliable and easy to install energy sensor for future Smart Cities.
www.lemcity.com
Mechanical characteristics
● General tolerance
±1 mm
● Output cable length
See table page 8
or drawing above
● Termination
2 stripped wires
● Cable tie maximum effort
50 N
Remarks
● U
S = VS+ − VS- is positive when an increasing primary
current di/dt flows in the direction of the arrow (see fig. 1).
● Due to low positioning error (ε
P), the device does not need
to be physically fastened around the primary conductor.
Should the device be secured, make sure no mechanical
stress is applied to the coil itself.
● This product is not intended for outdoor use.
● Installation of the transducer must be done unless
otherwise specified on the datasheet, according to LEM
Transducer Generic Mounting Rules. Please refer to
LEM document N°ANE120504 available on our Web site:
Products/Product Documentation.
Connection
Dimensions (in mm)
I
P
di
P/dt
V
S+
V
S-
I
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com