전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ART-B22-D175/SP3 데이터시트(PDF) 9 Page - LEM

부품명 ART-B22-D175/SP3
상세설명  Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEM [LEM]
홈페이지  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

ART-B22-D175/SP3 데이터시트(HTML) 9 Page - LEM

Back Button ART-B22-D175/SP3 Datasheet HTML 4Page - LEM ART-B22-D175/SP3 Datasheet HTML 5Page - LEM ART-B22-D175/SP3 Datasheet HTML 6Page - LEM ART-B22-D175/SP3 Datasheet HTML 7Page - LEM ART-B22-D175/SP3 Datasheet HTML 8Page - LEM ART-B22-D175/SP3 Datasheet HTML 9Page - LEM ART-B22-D175/SP3 Datasheet HTML 10Page - LEM ART-B22-D175/SP3 Datasheet HTML 11Page - LEM ART-B22-D175/SP3 Datasheet HTML 12Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Page 9/12
18January2018/version 6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
SPLIT CORE ROGOWSKI COIL
ART Series
LEM City answers the demand for an accurate, reliable and easy to install energy sensor for future Smart Cities.
www.lemcity.com
Rated transformation ratio k
ra
Ratio of k
ra to the actual secondary voltage.
Ratio error ε
The current ratio error, expressed as a percentage, is defined
by the formula:
Where:
k
ra: is the rated transformation ratio
I
P:
is the actual primary current
U
S: is the actual secondary voltage when IP is
flowing
Phase displacement Δφ
The Δφ is the difference in phase between the primary current
and the ideal secondary voltage phasors. The direction of
the phasors being that the angle is 90 ° (leading) for an ideal
Rogowski coil.
The phase displacement is said to be positive when the
secondary voltage phasor leads the primary current phasor.
Linearity error ε
L
The linearity error ε
L is the maximum positive or negative
difference between the measured points and the linear
regression line, expressed as a percentage of I
Pr.
Rated short-time thermal current I
th
Maximum value of the primary current which the Rogowski will
withstand for a specified short time without suffering harmful
effects.
Performance parameters definition
ε =
× 100 %
k
ra Us − IP
I
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com