전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ART-B22-D175/SP4 데이터시트(PDF) 11 Page - LEM

부품명 ART-B22-D175/SP4
상세설명  Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEM [LEM]
홈페이지  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

ART-B22-D175/SP4 데이터시트(HTML) 11 Page - LEM

Back Button ART-B22-D175/SP4 Datasheet HTML 4Page - LEM ART-B22-D175/SP4 Datasheet HTML 5Page - LEM ART-B22-D175/SP4 Datasheet HTML 6Page - LEM ART-B22-D175/SP4 Datasheet HTML 7Page - LEM ART-B22-D175/SP4 Datasheet HTML 8Page - LEM ART-B22-D175/SP4 Datasheet HTML 9Page - LEM ART-B22-D175/SP4 Datasheet HTML 10Page - LEM ART-B22-D175/SP4 Datasheet HTML 11Page - LEM ART-B22-D175/SP4 Datasheet HTML 12Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Page 11/12
18January2018/version 6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
SPLIT CORE ROGOWSKI COIL
ART Series
LEM City answers the demand for an accurate, reliable and easy to install energy sensor for future Smart Cities.
www.lemcity.com
Safety and warning notes
In order to guarantee safe operation of the transducer and to be able to make proper use of all features and functions, please
read these instructions thoroughly!
Safe operation can only be guaranteed if the transducer is used for the purpose it has been designed for and within the limits of
the technical specifications.
Ensure you get up-to-date technical information that can be found in the latest associated datasheet under www.lem.com.
Caution! Risk of danger
Ignoring the warnings can lead to serious injury and/or cause damage! The electric measuring transducer may only be installed
and put into operation by qualified personnel that have received an appropriate training.
The corresponding national regulations shall be observed during installation and operation of the transducer and any electrical
conductor.
The transducer shall be used in electric/electronic equipment with respect to applicable standards and safety requirements and
in accordance with all the related systems and components manufacturers’ operating instructions.
Caution! Risk of electrical shock
When operating the transducer, certain parts of the module may carry hazardous live voltage (e.g. primary conductor). The user
shall ensure to take all measures necessary to protect against electrical shock. The transducer is a build-in device containing
conducting parts that shall not be accessible after installation. A protective enclosure or additional insulation barrier may
be necessary. Installation and maintenance shall be done with the main power supply disconnected except if there are no
hazardous live parts in or in close proximity to the system and if the applicable national regulations are fully observed.
Safe and trouble-free operation of this transducer can only be guaranteed if transport, storage and installation are carried out
correctly and operation and maintenance are carried out with care.
Caution! Risk of electrical shock
Do not apply around or remove from uninsulated hazardous live conductors which may result in electric shock, electric burn or
arc flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12