전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST13007NFP 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 ST13007NFP
상세설명  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST13007NFP 데이터시트(HTML) 5 Page - STMicroelectronics

  ST13007NFP Datasheet HTML 1Page - STMicroelectronics ST13007NFP Datasheet HTML 2Page - STMicroelectronics ST13007NFP Datasheet HTML 3Page - STMicroelectronics ST13007NFP Datasheet HTML 4Page - STMicroelectronics ST13007NFP Datasheet HTML 5Page - STMicroelectronics ST13007NFP Datasheet HTML 6Page - STMicroelectronics ST13007NFP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
P011C
TO-220 MECHANICAL DATA
ST13007N / ST13007NFP
5/7



Html Pages

1 2 3 4 5 6 7