전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S2EB-3V 데이터시트(PDF) 2 Page - Panasonic Semiconductor

부품명 S2EB-3V
상세설명  2 Form A 2 Form B/3 Form A 1 Form B/4 Form A /4 A Polarized power relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

S2EB-3V 데이터시트(HTML) 2 Page - Panasonic Semiconductor

  S2EB-3V Datasheet HTML 1Page - Panasonic Semiconductor S2EB-3V Datasheet HTML 2Page - Panasonic Semiconductor S2EB-3V Datasheet HTML 3Page - Panasonic Semiconductor S2EB-3V Datasheet HTML 4Page - Panasonic Semiconductor S2EB-3V Datasheet HTML 5Page - Panasonic Semiconductor S2EB-3V Datasheet HTML 6Page - Panasonic Semiconductor S2EB-3V Datasheet HTML 7Page - Panasonic Semiconductor S2EB-3V Datasheet HTML 8Page - Panasonic Semiconductor S2EB-3V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB207E 202204
Panasonic Industry Co., Ltd. 2022
FEATURES
Four-pole, multi-contact arrangement
(2 Form A 2 Form B, 3 Form A 1 Form B, 4 Form A)
Low thermal electromotive force: Approx. 3μV
Twin (bifurcated) contacts
Latching types available
PC board sockets are available
2 Form A 2 Form B/3 Form A 1 Form B/4 Form A /4 A Polarized power relays
S RELAYS
Power relays (Over 2 A)
TYPICAL APPLICATIONS
Measuring equipment
10
10
28
28
12
12
(Unit:mm)
Protective construction:Sealed type
4-GAP BALANCED ARMATURE MECHANISM
HOW IT WORKS (single side stable type)
Balanced armature mechanism has excellent
resistance to vibration and shock
The armature structure enables free rotation around the
armature center of gravity. Because the mass is maintained in
balance at the fulcrum of the axis of rotation, large rotational
forces do not occur even if acceleration is applied along
any vector. The mechanism has proven to have excellent
resistance to vibration and shock. All our S relays are based
on this balanced armature mechanism, which is able to further
provide many other characteristics.
High sensitivity and reliability provided by 4-gap
balanced armature mechanism
As a (polarized) balanced armature, the S relay armature
itself has two permanent magnets. Presenting four interfaces,
the armature has a 4-gap structure. As a result, the rotational
axis at either end of the armature is symmetrical and, in an
energized into a polarized state, the twin magnetic armature
interfaces are subject to repulsion on one side and attraction
on the other.
Our original mechanism provides a highly efficient polarized
magnetic circuit structure that is both highly sensitive and has
a small form factor. Moreover, suitability for provision with
many types of contact array and other advantages promise to
make it possible to provide many of the various characteristics
that are coming to be demanded of relays.
1) When current is passed through the coil, the yoke becomes
magnetic and polarized.
2) At either pole of the armature, repulsion on one side and
attraction on the other side is caused by the interaction of the
poles and the permanent magnets of the armature.
3) At this time, opening and closing operates owing to the action
of the simultaneously molded balanced armature mechanism,
so that when the force of the contact breaker spring closes the
contact on one side, on the other side, the balanced armature
opens the contact (2 Form A 2 Form B).
Axis
Repulsion
Attraction
Permanent magnet
Residual
plate
Attraction
Repulsion
ー 1 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com