| 전자부품 데이터시트 검색엔진 |
|
P89LPC906FD 데이터시트(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89LPC906FD 데이터시트(HTML) 14 Page - NXP Semiconductors |
|
14 / 53 page ![]() Philips Semiconductors P89LPC906/907/908 8-bit microcontrollers with two-clock 80C51 core Product data Rev. 04 — 21 November 2003 14 of 53 9397 750 12289 © Koninklijke Philips Electronics N.V. 2003. All rights reserved. 7. Special function registers Remark: Special Function Registers (SFRs) accesses are restricted in the following ways: • User must not attempt to access any SFR locations not defined. • Accesses to any defined SFR locations must be strictly for the functions for the SFRs. • SFR bits labeled ‘-’, ‘0’ or ‘1’ can only be written and read as follows: – ‘-’ Unless otherwise specified, must be written with ‘0’, but can return any value when read (even if it was written with ‘0’). It is a reserved bit and may be used in future derivatives. – ‘0’ must be written with ‘0’, and will return a ‘0’ when read. – ‘1’ must be written with ‘1’, and will return a ‘1’ when read. |