전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA9615DPZ 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 PCA9615DPZ
상세설명  2-channel multipoint Fast-mode Plus differential
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9615DPZ 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button PCA9615DPZ Datasheet HTML 5Page - NXP Semiconductors PCA9615DPZ Datasheet HTML 6Page - NXP Semiconductors PCA9615DPZ Datasheet HTML 7Page - NXP Semiconductors PCA9615DPZ Datasheet HTML 8Page - NXP Semiconductors PCA9615DPZ Datasheet HTML 9Page - NXP Semiconductors PCA9615DPZ Datasheet HTML 10Page - NXP Semiconductors PCA9615DPZ Datasheet HTML 11Page - NXP Semiconductors PCA9615DPZ Datasheet HTML 12Page - NXP Semiconductors PCA9615DPZ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
NXP Semiconductors
PCA9615
2-channel multipoint Fast-mode Plus differential I2C-bus buffer with hot-swap logic
8 Application design-in information
8.1 I2C-bus
As with the standard I2C-bus system, pull-up resistors are required to provide the logic
HIGH levels on the single-ended buffered bus (standard open-drain configuration of
the I2C-bus). The size of these pull-up resistors depends on the system. The device is
designed to work with Standard-mode, Fast-mode and Fast-mode Plus I2C-bus devices
in addition to SMBus devices. Standard-mode and Fast-mode I2C-bus and SMBus
devices only specify 3 mA output drive; this limits the termination current to 3 mA in
a generic I2C-bus system where Standard-mode devices and multiple controllers are
possible. When only Fast-mode Plus devices are used, then higher termination currents
can be used due to their 30 mA sink capability.
8.2 Differential I2C-bus application
See Figure 7 through Figure 9.
The simple application (Figure 7) shows an existing SMBus/I2C-bus being extended over
a section of dI2C-bus transmission line, containing a dedicated twisted pair for SCL and
SDA. At one end of the transmission line, a resistor network (R1-R2-R1) terminates the
twisted-pair cable and biases D+ positive with respect to D-. An identical resistor network
at the other end of the transmission line terminates the twisted-pair cable. DC power for
each end of the transmission line and the VDD(B) of each PCA9615 bus buffer can be
from separate and isolated power supplies, or use the same supply and ground run in
separate wires along the same path as the dI2C-bus signal twisted pairs.
Telecom category 5 (‘CAT 5’) data cable is well suited for this task, but loose wires may
also be used, with a reduction in performance. Assuming VDD(B) is 5 V, and using CAT 5
cable, R2 is 120 Ω, R1 is 600 Ω. The parallel combination yields a termination of 100 Ω at
each end of the twisted pairs.
Either side of the dI2C-bus buffer pair is connected to standard SMBus/I2C buses,
which require their own pull-up resistors to VDD(A) of the PCA9615 bus buffers. VDD(A)
and VDD(B) can be the same supply, however, making them different voltages enables
the PCA9615 bus buffers to level translate between the SMBus/I2C-bus and dI2C-bus
sections of the bus, or to have different supply voltages and level translate at either end
of the dI2C-bus and SMBus/I2C-bus system.
For example, the left-hand bus controller (and local target) may operate on a 3.3 V
supply and SMBus/I2C-bus while the dI2C-bus transmission lines are at 5 V, and the
right-hand target is operated from a different 3.3 V supply and SMBus/I2C-bus, or even a
different bus voltage other than 3.3 V.
Depending upon the timing from the system controller, clock toggle rates can vary from
10 kHz for the SMBus (or less for SMBus/I2C-bus protocol) up to 100 kHz (Standard
mode), 400 kHz (Fast mode), or up to 1 MHz (Fast-mode Plus).
The bus path is bidirectional. Assume that the left side SMBus/I2C-bus becomes active.
A START condition (SDA goes LOW while SDA is HIGH) is sent. This upsets the idle
condition on the dI2C-bus section of the bus, because D+ was more positive than D- and
now they are reversed. The right side bus buffer sees the differential lines change polarity
and in turn pulls SDA LOW on the SMBus/I2C-bus side of the bus buffer, transmitting the
START condition to the target on that section of the SMBus/I2C-bus.
PCA9615
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 16 September 2021
9 / 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com