전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2108-BT/TV2M 데이터시트(PDF) 1 Page - pro-elec

부품명 2108-BT/TV2M
상세설명  Extension Leads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PRO-ELEC [pro-elec]
홈페이지  
Logo PRO-ELEC - pro-elec

2108-BT/TV2M 데이터시트(HTML) 1 Page - pro-elec

  2108-BT/TV2M Datasheet HTML 1Page - pro-elec 2108-BT/TV2M Datasheet HTML 2Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Extension Leads
Page <1>
22/10/11 V1.1
www.farnell.com
www.cpc.co.uk
Specification:
Current rating
: 13 A, 250 V ac
Construction:
Description
Material
Socket base and cover
ABS
Socket terminals (bus bar)
Brass, phosphorus bronze
Cover screw
Mild steel nickel plated
Cord grip screw
Terminal screw
Brass
Switch
Nylon house with brass (nickel plated) terminals
Cord grip
Nylon (PA)
Shutter
Spring
Mild steel
Neon lamp with 220 k
Ω resistor
Orange light
Neon lamp cover
Polycarbonate (PC)
Switch rocker
Plug
13 A BS 1363 plug
Cable
PVC, BS6500 3 × 1.25 mm2
Approval:
Plug : BSI kite mark licence KM54406
Standard:
BS 1363/A
Conditions of Use:
a) An ambient temperature in the range -5°C to +40°C, the average value over 24 hours not exceeding 25°C.
b) A situation not subject to exposure to direct radiation from the sun or other source of heat like to raise temperatures above the
limits.
c) An altitude not exceeding 2,000 metres above sea level; an atmosphere no subject to abnormal pollution by smoke, chemical
fumes, rain, spray, prolonged periods of high humidity or other abnormal conditions.
2188RFI-2M
2189RFI-2M
2108-BT/TV2M


유사한 부품 번호 - 2108-BT/TV2M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
2108-12S ETC1-2108-12S Datasheet
1Mb / 4P
Turbo-Coat Acrylic Conformal Coating
2021
logo
Mill-Max Mfg. Corp.
2108-2-00-44-00 MILL-MAX-2108-2-00-44-00 Datasheet
381Kb / 1P
SOLDER TERMINAL TURRETS
2108-2-00-44-00-00-07-0 MILL-MAX-2108-2-00-44-00-00-07-0 Datasheet
381Kb / 1P
SOLDER TERMINAL TURRETS
logo
RAF ELECTRONIC HARDWARE
2108-440-AL RAF-2108-440-AL Datasheet
121Kb / 1P
1/4 HEX FEMALE STANDOFFS
2108-440-N RAF-2108-440-N Datasheet
121Kb / 1P
1/4 HEX FEMALE STANDOFFS
More results

유사한 설명 - 2108-BT/TV2M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
9148 ETC1-9148 Datasheet
44Kb / 1P
Extension Sockets
128820 ETC2-128820 Datasheet
109Kb / 1P
Extension Cables
logo
Assmann Electronics Inc...
AK306-2-R ASSMANN-AK306-2-R Datasheet
244Kb / 1P
KEYBOARD EXTENSION
logo
Festo Corporation.
538436 FESTO-538436 Datasheet
85Kb / 1P
Muffler extension
538437 FESTO-538437 Datasheet
66Kb / 1P
Muffler extension
logo
Pepperl+Fuchs Inc.
UDB-CABLE-1M PF-UDB-CABLE-1M Datasheet
464Kb / 1P
Extension cable
UDB-CABLE-2M PF-UDB-CABLE-2M Datasheet
464Kb / 1P
Extension cable
UC-30GM-PROG PF-UC-30GM-PROG Datasheet
412Kb / 2P
Extension cable
LB9025BP08100.1 PF-LB9025BP08100.1 Datasheet
689Kb / 2P
Extension Backplane
2021-12-01
LB9027BP16200.1 PF-LB9027BP16200.1 Datasheet
637Kb / 2P
Extension Backplane
2021-12-01
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com