전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TR115D-ARF 데이터시트(PDF) 13 Page - Panasonic Semiconductor

부품명 TR115D-ARF
상세설명  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TR115D-ARF 데이터시트(HTML) 13 Page - Panasonic Semiconductor

Back Button TR115D-ARF Datasheet HTML 9Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 10Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 11Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 12Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 13Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 14Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 15Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 16Page - Panasonic Semiconductor TR115D-ARF Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
T15
ROCKER TYPE DIMENSIONS (mm) (General tolerance: ±0.5)
1. Standard type
1) Solder terminal
29
13
°
15.8
33
6
19.5
6
13
°
5.7
33.8
10.2
5.7
37
10.2
1-pole
2-pole
2-M3
×0.5
2-M3
×0.5
45
38
27
45
38
27
2) Screw terminal (M3.5)
29
15.8
9.3
33
10.2
37.1
5.7
13
°
13
°
19.5
9.3
5.7
10.2
1-pole
2-pole
40.3
45
38
27
45
38
27
2-M3
×0.5
2-M3
×0.5
Remarks: 1. ON-OFF type does not have terminal No. 2 and 5.
2. Dimensions of handle: 13.4
× 27
2. Panel-sealed type
1) Solder terminal
13
°
13
°
41
41
1-pole
7.8
2.5
27.7
5
34
2-pole
7.8
2.5
30.9
5
34
17 24
22 29
2) Screw terminal (M3.5)
34
10.3
34
10.3
13
°
2.5
27.7
7.8
2.5
13
°
7.8
1-pole
2-pole
41
41
30.9
17 24
22 29
Remarks: 1. ON-OFF type does not have terminal No. 2 and 5.
2. Dimensions of handle: 1-pole: 12.6
× 29, 2-pole: 17.4 × 29
3. Terminal-sealed type
1) Solder terminal
24
17
34
34
5
13
°
13
°
27.7
2.5
7.8
41
41
29
22
5
2.5
7.8
1-pole
2-pole
30.9
2) Screw terminal (M3.5)
17 24
10.3
22 29
10.3
13
°
27.7
7.8
2.5
41
13
°
7.8
2.5
41
1-pole
2-pole
30.9
34
34
Remarks: 1. ON-OFF type does not have terminal No. 2 and 5.
2. Dimensions of handle: 1-pole: 12.6
× 29, 2-pole: 17.4 × 29
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com