전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

502-310 데이터시트(PDF) 4 Page - Digilent

부품명 502-310
상세설명  PmodRS485™ Reference Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIGILENT [Digilent]
홈페이지  https://digilent.com/
Logo DIGILENT - Digilent

502-310 데이터시트(HTML) 4 Page - Digilent

  502-310 Datasheet HTML 1Page - Digilent 502-310 Datasheet HTML 2Page - Digilent 502-310 Datasheet HTML 3Page - Digilent 502-310 Datasheet HTML 4Page - Digilent  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PmodRS485™ Reference Manual
Copyright Digilent, Inc. All rights reserved.
Other product and company names mentioned may be trademarks of their respective owners.
Page 4 of 4
3
Physical Dimensions
The pins on the pin header are spaced 100 mil apart. The PCB is 1.5 inches long on the sides parallel to the pins on
the pin header and 0.8 inches long on the sides perpendicular to the pin header.



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com