전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SR73W3A2TTDR10D 데이터시트(PDF) 3 Page - KOA Speer Electronics, Inc.

부품명 SR73W3A2TTDR10D
상세설명  SR73 Low Resistance Flat Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KOA [KOA Speer Electronics, Inc.]
홈페이지  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SR73W3A2TTDR10D 데이터시트(HTML) 3 Page - KOA Speer Electronics, Inc.

  SR73W3A2TTDR10D Datasheet HTML 1Page - KOA Speer Electronics, Inc. SR73W3A2TTDR10D Datasheet HTML 2Page - KOA Speer Electronics, Inc. SR73W3A2TTDR10D Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
THICK FILM (LOW RESISTANCE)
■Precautions for Use
・The substrate of chip resistors is alumina. Cracks may occur at the connection of solder (solder fillet portion) due to the difference of the coefficient of thermal
expansion from a mounting board when heat stress like heat cycle, etc. are repeatedly given to them. Care should be taken to the occurrence of the cracks when
the change in ambient temperature or ON / OFF of load is repeated, especially when large types of W2H/W3A/W3A2 which have large thermal expansion and
also self heating. By general temperature cycle test using glass-epoxy(FR-4) boards under the maximum/minimum temperatures of operating temperature range,
the crack does not occur easily in the types of 1H∼2E, but the crack tends to occur in the types of W2H/W3A/W3A2. The occurrence of the crack by heat
stress may be influenced by the size of a pad, solder volume, heat radiation of mounting board etc., so please pay careful attention to designing when a big change
in ambient temperature and conditions for use like ON/OFF of load can be assumed.
・The resistance value after soldering may change depending on the size of pad pattern or solder amount. Make sure the effect of decline/increase of resistance
value before designing.
■Performance
Test Items
Performance Requirements
ΔR±(%+0.005Ω)
Test Methods
Limit
Typical
Resistance
Within specified tolerance
̶
25℃
T.C.R.
Within specified T.C.R
̶
+25℃/−55℃ and +25℃/+125℃
Overload(Short time)
2
0.5
Rated voltage×2.5 for 5s  (W3A2:Rated voltage×2.0 for 5s)
Resistance to soldering heat
3:1H
1:1E∼W3A2
0.75:1H
0.3:1E∼W3A2
260℃±5℃, 10s±1s
Rapid change of temperature
1
0.3
−40℃(30min.)/+125℃(30min.)100 cycles
Moisture resistance
3:1H
2:1E∼W3A2
1
40℃±2℃, 90%∼95%RH, 1000h
1.5h ON/0.5h OFF cycle
Endurance at 70℃ or rated
terminal part temperature
3:1H
2:1E∼W3A2
1
70℃±2℃ or rated terminal part temperature ±2℃ 1000h
1.5h ON/0.5h OFF cycle
High temperature exposure
1
0.3
+125℃, 1000h:1H
+150℃, 1000h:1E, 1J, 2A, 2B, 2E, W2H, W3A, W3A2
■Temperature Rise
■One-Pulse Limiting Electric Power
②:Terminal
①:Hot spot
測定条件
室温: 25℃
基板仕様: FR-4相当 t = 1.6mm
Cu箔厚: 35µm
140
120
100
80
60
40
20
0
0
25
50
75
100
2E
(0.66W)①
2B
(0.5W)①
2A
(0.5W)①
2B
(0.5W)②
2E
(0.66W)②
2A
(0.5W)②
0
50
100
150
200
250
300
0
25
50
75
100
SR73 2A-2E
Power Rating(%)
SR73 W2H-W3A2
Power Rating(%)
W3A2
①
W3A2
②
W3A
①
W2H
①
W3A
②
W2H
②
0
10
20
30
40
50
60
70
80
90
0
25
50
75
100
SR73 1E-1J
Power Rating(%)
1J
(0.25W)①
1E
①
1E
②
1J
(0.25W)②
Pulse Duration(ms)
0.001
0.01
0.1
1
10
100
1000
SR73 1H-2A
100
10
1
0.1
2A
1J
1E
1H
Pulse Duration(ms)
0.001
0.01
0.1
1
10
100
1000
SR73 2B-W3A2
1000
100
10
1
W3A/W3A2
2H
/W2H
2B
2E
Please ask us about the resistance characteristic of continuous applied pulse.
The pulse endurance values are not assured values,so be sure to check the
products on actual equipment when you use them.
Regarding the temperature rise, the
value of the temperature varies per
conditions and board for use since the
temperature is measured under our
measuring conditions.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Oct. 2024



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com