전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8S103XX 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 STM8S103XX
상세설명  Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I²C
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103XX 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button STM8S103XX Datasheet HTML 19Page - STMicroelectronics STM8S103XX Datasheet HTML 20Page - STMicroelectronics STM8S103XX Datasheet HTML 21Page - STMicroelectronics STM8S103XX Datasheet HTML 22Page - STMicroelectronics STM8S103XX Datasheet HTML 23Page - STMicroelectronics STM8S103XX Datasheet HTML 24Page - STMicroelectronics STM8S103XX Datasheet HTML 25Page - STMicroelectronics STM8S103XX Datasheet HTML 26Page - STMicroelectronics STM8S103XX Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
STM8S103xx, STM8S105xx
Pinouts and pin description
23/56
Figure 7.
STM8S105 LQFP/VQFN 32-pin pinout
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
9 1011 12 13 141516
1
2
3
4
5
6
7
8
VCAP
VDD
VDDIO
AIN12/PF4
NRST
OSCIN/PA1
OSCOUT/PA2
VSS
PC3 (HS)/TIM1_CC3
PC2 (HS)/TIM1_CC2
PC1 (HS)/TIM1_CC1/LINUART_CK
PE5/SPI_NSS
PC7/SPI_MISO
PC6/SPI_MOSI
PC5/SPI_SCK
PC4 (HS)/TIM1_CC4
(HS) high sink capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56