전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1CPSC5 데이터시트(PDF) 4 Page - Honeywell Solid State Electronics Center

부품명 1CPSC5
상세설명  MICRO SWITCH Cable-Pull Safety Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1CPSC5 데이터시트(HTML) 4 Page - Honeywell Solid State Electronics Center

  1CPSC5 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1CPSC5 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4 sensing.honeywell.com
MICRO SWITCH Cable-Pull Safety Switches, CPS Series
Table 3. Circuitry Charts
Circuitry
Chart
1NO/1NC
2NO/2NC
1NO/3NC
4NC
Table 4. 1CPS Contact Blocks

= grounding screw
TEMPERATURE-SPAN DISTANCE APPLICATION
INFORMATION
Cable-pull switches featuring broken cable detection require
pre-tensioning in order to enable the RUN condition.
The relative expansion or contraction of the steel actuating
cable when the ambient temperature increases or decreases
must be taken into account when pre-tensioning a cable pull
switch.
The change in cable length with change in temperature can
cause significant nuisance shut downs on longer runs.
Install the system when the temperature is at the mid point of
the extremes. If a warehouse has a low temperature of 15.6 °C
[60 °F]and a high of 32.2 °C [90 °F], set up the system at the
midpoint 23.9 °C [75 °F].
Use an endspring or another CPS at the opposite end of the
cable span to double the temperature tolerance and to meet
the requirements of EN 418.
Figure 3. Total Temperature Variation vs. Cable Span
Distance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com