전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AML21BBA2AD 데이터시트(PDF) 13 Page - Honeywell Solid State Electronics Center

부품명 AML21BBA2AD
상세설명  Manual Switches Advanced Manual Line
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML21BBA2AD 데이터시트(HTML) 13 Page - Honeywell Solid State Electronics Center

Back Button AML21BBA2AD Datasheet HTML 5Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 6Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 7Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 8Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 9Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 10Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 11Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 12Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 13Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Manual Switches
AML Series
Mounting Dimensions (For Reference Only)
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
53
AML75 PANEL SEAL ACCESSORY
Panel cutouts
Multiple panel sealed units should not be
mounted together in a single elongated
slot, since this would create an unsealed
space between each unit.
Side-by-side mounting can be achieved,
per the center-to-center dimensions
shown in the drawing. (Dotted lines in-
dicate the seal bases which are abutting
at front of panel.)
AML75 seals are not designed for use
with the AML61 mounting system.
NOTE: Suggested cutout dimensions are
based on an .125 /3,18 mm panel thick-
ness. Individual preferences for inpanel fit
may require measurement of assemblies
before panels are cut.
AML76 SWITCH GUARD ACCESSORY
PANEL CUTOUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13