전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP43302 데이터시트(PDF) 5 Page - SIPAT Co,Ltd

부품명 SP43302
상세설명  433.92MHz RF SAW Filter 0.6MHz Bandwidth
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPAT [SIPAT Co,Ltd]
홈페이지  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43302 데이터시트(HTML) 5 Page - SIPAT Co,Ltd

  SP43302 Datasheet HTML 1Page - SIPAT Co,Ltd SP43302 Datasheet HTML 2Page - SIPAT Co,Ltd SP43302 Datasheet HTML 3Page - SIPAT Co,Ltd SP43302 Datasheet HTML 4Page - SIPAT Co,Ltd SP43302 Datasheet HTML 5Page - SIPAT Co,Ltd SP43302 Datasheet HTML 6Page - SIPAT Co,Ltd SP43302 Datasheet HTML 7Page - SIPAT Co,Ltd SP43302 Datasheet HTML 8Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP43302
Rev. Date
2006-7-19
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 5/8
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
433.92MHz RF SAW Filter
0.6MHz Bandwidth
Part Number: SP43302
TOP COVER TAPE
CARRIER TAPE
4.9 Solderability: Solderability of terminal shall be kept at more than 80% after dipped in the solder
flux at 230 ±5
for 5±1 seconds.
℃℃
4.10 Storage: The components shall meet the electrical and mechanical specifications after 5
years storage, if stored within the temperature range of -40 ~+85
and in the humidity of 20 to
℃℃
60% r.h.
5. Remarks
5.1 Static voltage
Static voltage between signal load & ground may cause deterioration & destruction of the
component. Please avoid static voltage.
5.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the component. Please avoid
ultrasonic cleaning.
5.3 Soldering
Only leads of component may be soldered. Please avoid soldering another part of component.
6. Packing
6.1 Dimensions
(1) Carrier Tape: Figure 1
(2) Reel: Figure 2
(3) The product shall be packed properly not to be damaged during transportation and storage.
6.2 Reeling Quantity
1,000 pcs/reel
6.3 Taping Structure
(1) The tape shall be wound around the reel in the direction shown below.



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com