전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST18-AU1 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 ST18-AU1
상세설명  SIX-CHANNEL DOLBY AC3/MPEG2 AUDIO DECODER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18-AU1 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button ST18-AU1 Datasheet HTML 35Page - STMicroelectronics ST18-AU1 Datasheet HTML 36Page - STMicroelectronics ST18-AU1 Datasheet HTML 37Page - STMicroelectronics ST18-AU1 Datasheet HTML 38Page - STMicroelectronics ST18-AU1 Datasheet HTML 39Page - STMicroelectronics ST18-AU1 Datasheet HTML 40Page - STMicroelectronics ST18-AU1 Datasheet HTML 41Page - STMicroelectronics ST18-AU1 Datasheet HTML 42Page - STMicroelectronics ST18-AU1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
39/87
ST18-AU1
An interrupt pending (IPE) bit is associated with each interrupt input. IPE is set when the
interrupt request is recorded and is reset when the interrupt request is acknowledged (ITACK
falling edge).
When the user does not want to acknowledge any of the pending interrupt requests, the IPE
flag of the CCR register must first be reset and then the ISR register set to “0000”.
When only some pending interrupt requests need to be acknowledged, the IPE bits of the other
interrupt inputs must be reset.
When the IPE bit is set by a direct register write an interrupt request will be generated
irrespective of the state of the ITRQ pin.
When the mask (IM) bit is set, the corresponding IPE bit is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87