전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CRA2512-FZ-R025ELF-DEL 데이터시트(PDF) 1 Page - Bourns Electronic Solutions

부품명 CRA2512-FZ-R025ELF-DEL
상세설명  CRA2512 - High Power Current Sense Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRA2512-FZ-R025ELF-DEL 데이터시트(HTML) 1 Page - Bourns Electronic Solutions

  CRA2512-FZ-R025ELF-DEL Datasheet HTML 1Page - Bourns Electronic Solutions CRA2512-FZ-R025ELF-DEL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
n
Special alloy resistor
n
Power rating at 70 °C: 3 W
n
Inductance less than 5 nH
n
RoHS compliant*
n
AEC-Q200 qualified, automotive grade
Applications
n
Power supplies
n
Stepper motor drives
n
Input amplifiers
CRA2512 - High Power Current Sense Chip Resistor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
DIMENSIONS:
MM
(INCHES)
Electrical Characteristics
Characteristic
CRA2512
Power Rating @ 70 °C
3 W
Operating Temperature Range
-55 °C to +170 °C
Derated to Zero Load at
+170 °C
Maximum Working Current
(P / R)1/2
Insulation Resistance
> 100 megohms
Resistance Range
0.010 - 0.100 Ω
Resistance Tolerance
±1 %, ±5 %
Temperature Coefficient
±50 PPM/°C
Product Dimensions
Model
A
B
C
T
Resistor
Material
CRA2512
6.45 ± 0.20
3.35 ± 0.20
0.95 ± 0.10
0.7 ± 0.20
Resistor Cu-Ni
(0.254 ± 0.008)
(0.131 ± 0.008)
(0.037 ± 0.004)
(0.0276 ± 0.008)
or Cu-Mn
Recommended Solder Pad Layout
A
B
SENSING TRACE
Cu TRACE
L
Model
A
B
L
CRA2512
4.0
2.1
4.1
(0.157) (0.083) (0.161)
A
B
C
C
T
CC
Construction
Overcoat
Metal Alloy Plate
Ni / Sn
Plating
Performance Characteristics
Test
Conditions
Specification
Thermal Shock
-55 ˚C to + 150 ˚C,
Δ
R < ±0.5 %
1000 Cycles, 15 minutes
Short Time Overload 5 X Rated Power for 5 seconds
Δ
R < ±0.5 %
Low Temperature
-55 ˚C for 24 hours
Δ
R < ±0.5 %
Storage
High Temperature
Exposure
1000 hours @ + 170 ˚C
Δ
R < ±1.0 %
Bias Humidity
+ 85 ˚C, 85 % RH, 10 % Bias,
Δ
R < ±0.5 %
1000 hours
Mechanical Shock
100 g’s for 6 milliseconds, 5 pulses
Δ
R < ±0.5 %
Vibration
Frequency varied 10 to 2000 KHz
Δ
R < ±0.5 %
in one minute, 3 directions, 12 hours
Load Life
1000 hours at rated power at
Δ
R < ±1.0 %
+70 ˚C, 1.5 hours on, 0.5 hours off
Resistance to Solder +260 ˚C Solder, 10-12 second dwell, ΔR < ±0.5 %
Heat
25 mm/second emergence
Moisture Resistance MIL-STD-202 Method 106, 0 % power ΔR < ±0.5 %
(7a and 7b not required)
DIMENSIONS:
MM
(INCHES)


유사한 부품 번호 - CRA2512-FZ-R025ELF-DEL

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CRA2512-FZ-R025ELF BOURNS-CRA2512-FZ-R025ELF Datasheet
297Kb / 2P
CRA2010/CRA2512 - High Power Current Sense Chip Resistor
More results

유사한 설명 - CRA2512-FZ-R025ELF-DEL

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CRA2010 BOURNS-CRA2010 Datasheet
296Kb / 2P
High Power Current Sense Chip Resistor
CRA2512-FZ-R040ELF BOURNS-CRA2512-FZ-R040ELF Datasheet
297Kb / 2P
CRA2010/CRA2512 - High Power Current Sense Chip Resistor
CRA2010-FZ-R005ELF BOURNS-CRA2010-FZ-R005ELF Datasheet
275Kb / 2P
CRA2010/CRA2512 - High Power Current Sense Chip Resistor
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF Datasheet
284Kb / 3P
High Power Current Sense Chip Resistor
CRA2010 BOURNS-CRA2010_13 Datasheet
275Kb / 2P
High Power Current Sense Chip Resistor
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF_16 Datasheet
371Kb / 3P
High Power Current Sense Chip Resistor
logo
Riedon Powertron
CSR2512A0R02F RIEDON-CSR2512A0R02F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512B0R004F RIEDON-CSR2512B0R004F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512C0R002F RIEDON-CSR2512C0R002F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR25120R025F RIEDON-CSR25120R025F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com