전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS70-B2GA331KYNKA 데이터시트(PDF) 2 Page - TDK Electronics

부품명 CS70-B2GA331KYNKA
상세설명  High voltage ceramic capacitors, commercial grade, safety standard approved
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo TDK - TDK Electronics

CS70-B2GA331KYNKA 데이터시트(HTML) 2 Page - TDK Electronics

  CS70-B2GA331KYNKA Datasheet HTML 1Page - TDK Electronics CS70-B2GA331KYNKA Datasheet HTML 2Page - TDK Electronics CS70-B2GA331KYNKA Datasheet HTML 3Page - TDK Electronics CS70-B2GA331KYNKA Datasheet HTML 4Page - TDK Electronics CS70-B2GA331KYNKA Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CAPACITORS
(2/5)
leaddisc_commercial_cs_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20221226
Overview of CS series
CERTIFIED STATUS OF VARIOUS COUNTRIES
* Certificate numbers shall be changed owing to the revisions of the related standards and renewal of certificate.
RECOMMENDED FLOW PROFILE
Before soldering, be sure to preheat components.
The preheating temperature should be set so that the temperature difference between the solder temperature and product temperature
does not exceed 150°C.
Safety
standard
IEC standard No.
Standard No.
Temperature
characteristics
Sub-class
Rated
voltage
Approval report No.
*
Taiwan
Xiamen
BSI
BS EN 60384-14
IEC 60384-14
BS EN 60065
(8.8, 14.2)
BS EN 60384-14
SL,B,Z5U,F
X1,Y2
X1:440V AC
Y2:300V AC
KM37103
VDE
IEC 60384-14
EN 60384-14
40017930
SEV
19.0043
SEMKO
1910408
NEMKO
P19223652
DEMKO
D-04986
FIMKO
FI 140177
IMQ
V3692
SAA
AS3250
CS6268
CSA
CSA-E60384-14
1785515
UL
UL60384-14
E37861
CQC
GB/T14472-1998
CQC12001082619
CQC10001052862
KTL
K60384-14
X1
440V AC
SZ03001-12006
SU03047-12006
Y2
300V AC
SZ03001-12008
SU03047-12008
Preheating
Peak
Natural cooling
Temp.
Time
Temp.
Time
Time
T1
t1
T2
t2
t3
100 to 120°C
30 to 60s.
260°C
Within 10s.
Over 60s.
Natural
cooling
Preheating
Soldering
T2
T1
t: Time
t1
t2
t3



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com