전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5633M 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 MPC5633M
상세설명  32-bit Microcontrollers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5633M 데이터시트(HTML) 1 Page - NXP Semiconductors

  MPC5633M Datasheet HTML 1Page - NXP Semiconductors MPC5633M Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Target Applications
• 1–4-cylinder gasoline direct
injection engines
• Entry-level diesel engines
• Entry-level transmission
Overview
The Qorivva MPC563xM is Freescale’s first
32-bit, 90 nm powertrain MCU family built
on Power Architecture® technology designed
for up to 4-cylinder engines. It not only offers
enhanced powertrain functionality, such as
on-chip emission control, but addresses cost
constraints for 32-bit powertrain applications.
If you are currently using 16-bit solutions for
powertrain, the Qorivva MPC563xM enables
you to go beyond 16-bit capabilities with a
family that offers up to 1.5 MB of flash, 111K
of total SRAM and up to 80 MHz of
CPU performance.
Go Green by Reducing Knock
• On-chip knock system makes tight
emission control affordable and allows a
three to five percent improvement of
economy and power
• Power and memory size allow fast
development of “clean sheet” solutions to
meet emissions legislation
• No active external components required
for on-chip knock system through variable
on-chip gain and sensor bias
• Same integrated components can be used
for a patented sensor diagnostics scheme
that meets on-board diagnostics
Ease of Use
• Offers a 144-pin quad flat package
(QFP) option. QFP has visible pins,
making it easier to assemble and inspect
since infrared and X-ray technology is
not required
• Microsecond bus enabled for connecting
ASIC with the Qorivva MPC563xM family
Mitigates Supply Risk
• The Qorivva MPC563xM family of devices
offers dual-sourced solutions, enabling you
to design applications with confidence that
the supply will be there
Improves Performance
• Combination of hardware decimator
and DMA can lead to a savings of up to
five percent of the CPU load
• eTPU and I/O configured to handle
electronic manual transmissions (paddle
flap) applications where up to four
brushless DC motors are used
• Offers 32 eTPU2 channels to handle
complex timer applications and offload
the CPU
Helps Save Cost
• Requires only one linear power supply (5V)
• Compatibility with existing Qorivva
MPC5500 family allows code sharing and
cost reduction of existing solutions into
these new markets
Color Indicator Bar/Volume no.
32-bit Microcontrollers
Qorivva MPC563xM Family
32-bit MCUs for entry-level powertrain applications


유사한 부품 번호 - MPC5633M

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MPC5633MF0MLQA4 FREESCALE-MPC5633MF0MLQA4 Datasheet
2Mb / 118P
microcontroller units (MCUs)
MPC5633MF0MLQA6 FREESCALE-MPC5633MF0MLQA6 Datasheet
2Mb / 118P
microcontroller units (MCUs)
MPC5633MF0MLQA8 FREESCALE-MPC5633MF0MLQA8 Datasheet
2Mb / 118P
microcontroller units (MCUs)
MPC5633MF0MLUA4 FREESCALE-MPC5633MF0MLUA4 Datasheet
2Mb / 118P
microcontroller units (MCUs)
MPC5633MF0MLUA6 FREESCALE-MPC5633MF0MLUA6 Datasheet
2Mb / 118P
microcontroller units (MCUs)
More results

유사한 설명 - MPC5633M

제조업체부품명데이터시트상세설명
logo
fujitsu semiconductor
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
32-bit Microcontrollers
logo
fujitsu semiconductor
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
32-bit Proprietary Microcontrollers
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
32-bit Microcontrollers
logo
ATMEL Corporation
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
32-bit Secure Microcontrollers
logo
fujitsu semiconductor
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
32-bit Microcontrollers
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
32-bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
32-bit Microcontrollers
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
32-Bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
32-bit microcontrollers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com