| 전자부품 데이터시트 검색엔진 |
|
ST24C08 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST24C08 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 16 page ![]() SCL SDA IN SCL SDA OUT SCL SDA IN tCHCL tDLCL tCHDX START CONDITION tCLCH tDXCX tCLDX SDA INPUT SDA CHANGE tCHDH tDHDL STOP & BUS FREE DATA VALID tCLQV tCLQX DATA OUTPUT tCHDH STOP CONDITION tCHDX START CONDITION WRITE CYCLE tW AI00795B Figure 5. AC Waveforms Write Operations The Multibyte Write mode (only available on the ST24/25C08 versions) is selected when the MODE pin is at VIH and the Page Write mode when MODE pin is at VIL. The MODE pin may be driven dynami- cally with CMOS input levels. Following a START condition the master sends a device select code with the RW bit reset to ’0’. The memory acknowledges this and waits for a byte address. The byte address of 8 bits provides ac- cess to one block of 256 bytes of the memory. After receipt of the byte address the device again re- sponds with an acknowledge. For the ST24/25W08 versions, any write command with WC = 1 will not modify the memory content. Byte Write. In the Byte Write mode the master sends one data byte, which is acknowledged by the memory. The master then terminates the transfer by generating a STOP condition. The Write mode is independant of the state of the MODE pin which could be left floating if only this mode was to be used. However it is not a recommended operating mode, as this pin has to be connected to either VIH or VIL, to minimize the standby current. 7/16 ST24/25C08, ST24/25W08 |