전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BK/PCB-1/2TR 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 BK/PCB-1/2TR
상세설명  Printed Circuit Board Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

BK/PCB-1/2TR 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  BK/PCB-1/2TR Datasheet HTML 1Page - List of Unclassifed Manufacturers BK/PCB-1/2TR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Non-Time Delay
• Ideal for high voltage DC applications
• Board washable
• Optional mounting socket available (PCS)
• Available in different lead configurations
Agency Information
• UL Recognized - File E19180, Guide JDYX2
• CSA Certified - File 42731, Class 1422-01
Ordering
• Specify packaging code and product code
(i.e., BK/PCB-1/2)
DC Application
The PC-Tron subminiature fuse is UL Recognized for
DC supplementary overcurrent protection to provide
individual protection for components or internal circuits in
equipment. Suitability for a specific application is
dependent on time constants and capacitance values. It
is the responsibility of the customer to evaluate the
information provided for applicability to their particular
application.
Mounting Socket
•Available as option. (Specify catalog number BK/PCS
(100-in) and short fuse lead length — PCC or PCE)
AC TIME-CURRENT CHARACTERISTICS
% of Amp Rating
Opening Time
100%
4 hours minimum
200%
10 second maximum
SPECIFICATIONS
Product Code /
Lead
Voltage
AC
Voltage
DC Interrupting
Amp Rating
Length
Rating AC
Interrupting
Rating DC
Min.
Max.
PCB - 1/2, 3/4, 1, 1-1/2, 2, 2-1/2
Full - 0.750" (straight)
250V
50A @ 250V
450V
300
5900A
10kA @ 125V
PCB - 3
Full - 0.750" (straight)
250V
50A @ 250V
350V
300
4400A
PCC - 1/2, 3/4, 1, 1-1/2, 2, 2-1/2
Short 0.100" (straight)
250V
50A @ 250V
450V
300
5900A
10kA @ 125V
PCC - 3
Short 0.100" (straight)
250V
50A @ 250V
350V
300
4400A
10kA @ 125V
PCD - 5
Full - 0.750" (straight)
125V
10kA @ 125V
250V
300
4200A
PCE - 5
Short 0.100" (straight)
125V
10kA @ 125V
250V
300
4200A
PCF - 1/2, 3/4, 1, 1-1/2, 2, 2-1/2
0.475"
250V
50A @ 250V
450V
300
5900A
10kA @ 125V
PCF - 3
0.475"
250V
50A @ 250V
350V
300
4400A
10kA @ 125V
PCG - 5
0.475"
125V
10kA @ 125V
250V
300
4200A
PCH - 1/2, 3/4, 1, 1-1/2, 2, 2-1/2
0.125"
250V
50A @ 250V
450V
300
5900A
10kA @ 125V
PCH - 3
0.125"
250V
50A @ 250V
350V
300
4400A
10kA @ 125V
PCI - 5
0.125"
125V
10kA @ 125V
250V
300
4200A
Device designed to carry rated current for four hours minimum. An operating current of 80% or less of rated current is recommended, with further derating required at
elevated ambient temperatures.
.030"
(2.41mm)
.12"
± .010"
(3.05mm
± 0.25mm)
.290"
(7.37mm)
.200"
(5.08mm)
.300"
(7.62mm)
.095"
(2.41mm)
Dimensional Data: All tolerances
Socket (PCS)
± .005"
± .13 mm
Dimensions mm(inches)
Printed Circuit Board Fuses
PC-Tron Series


유사한 부품 번호 - BK/PCB-1/2TR

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
BK/PCB-1/2-R COOPER-BK/PCB-1/2-R Datasheet
315Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses
More results

유사한 설명 - BK/PCB-1/2TR

제조업체부품명데이터시트상세설명
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
PRINTED CIRCUIT BOARD
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
Printed Circuit Board Sensor
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
Printed-circuit board connector
logo
HY ELECTRONIC CORP.
GBU2006F HY-GBU2006F Datasheet
39Kb / 2P
Ideal for printed circuit board
GBJ806F HY-GBJ806F Datasheet
47Kb / 2P
Ideal for printed circuit board
GBJ1006F HY-GBJ1006F Datasheet
46Kb / 2P
Ideal for printed circuit board
logo
Suntan Capacitors
BR25005 SUNTAN-BR25005 Datasheet
609Kb / 2P
Ideal for printed circuit board
KBPC35005W SUNTAN-KBPC35005W Datasheet
505Kb / 2P
Ideal for printed circuit board
KBU6005 SUNTAN-KBU6005 Datasheet
347Kb / 2P
Ideal for printed circuit board
More results


Html Pages

1 2