| 전자부품 데이터시트 검색엔진 |
|
ST3M01D 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST3M01D 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() ST3M01 2/11 ABSOLUTE MAXIMUM RATINGS THERMAL DATA ORDER CODES Symbol Parameter Value Unit VIN DC Input Voltage (Both IN_Linear and IN_SW) -0.3 to 7 V VSHDN Shutdown Input Voltage -0.3 to VIN+0.3 V VLX Switch Voltage -0.3 to 7 V VLBO Low Battery Output Voltage -0.3 to 7 V Vvirtual_GND Virtual GND Output Voltage -0.3 to 7 V ILBO Low Battery Output Maximum Current 30 mA Ivirtual_GND Virtual GND Output Maximum Current 30 mA Tstg Storage Temperature Range -65 to +150 °C Top Operating Junction Temperature Range -40 to +85 °C Symbol Parameter Value Unit Rthj-amb Thermal Resistance Junction-ambient (*) 160 °C/W Type Package Comment ST3M01D SO-14 50 parts per tube / 20 tube per box ST3M01DTR SO-14 (Tape & Reel) 2500 parts per reel |