전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M48T08 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 M48T08
상세설명  5V, 64Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T08 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button M48T08_07 Datasheet HTML 22Page - STMicroelectronics M48T08_07 Datasheet HTML 23Page - STMicroelectronics M48T08_07 Datasheet HTML 24Page - STMicroelectronics M48T08_07 Datasheet HTML 25Page - STMicroelectronics M48T08_07 Datasheet HTML 26Page - STMicroelectronics M48T08_07 Datasheet HTML 27Page - STMicroelectronics M48T08_07 Datasheet HTML 28Page - STMicroelectronics M48T08_07 Datasheet HTML 29Page - STMicroelectronics M48T08_07 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
M48T08, M48T08Y, M48T18
Revision history
29/30
Revision history
Table 18.
Document revision history
Date
Revision
Changes
Dec-1999
1.0
First Issue
07-Feb-2000
2.0
From Preliminary Data to Data Sheet; Battery Low Flag paragraph
changed; 100ns speed class identifier changed (Table 3, 4)
11-Jul-2000
2.1
tFB changed (Table 10); Watchdog Timer paragraph changed
16-Jul-2001
3.0
Reformatted; SNAPHAT battery table added (Table 17); added
temp./voltage info. to tables (Table 8, 9, 3, 4, 10, 11).
01-Aug-2001
3.1
Reference to App. Note corrected in “Calibrating the Clock” section
21-Dec-2001
3.2
Changes to text in document to reflect addition of M48T08Y option
06-Mar-2002
3.3
Fix Ordering Information table and add to footnote (Table 16)
20-May-2002
3.4
Modify reflow time and temperature footnotes (Table 6)
29-Aug-2002
3.5
tDR specification temperature updated (Table 11)
28-Mar-2003
4.0
v2.2 template applied; updated test conditions (Table 10)
10-Dec-2003
5.0
Reformatted
30-Mar-2004
6.0
Reformatted; Lead-free (Pb-free) information package update (Table 6,
16)
13-Dec-2005
7.0
Updated template, Lead-free information, removed footnote (Table 9, 16)
04-Jul-2007
8.0
Reformatted; added lead-free second level interconnect information to
cover page and Section : Package mechanical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30