| 전자부품 데이터시트 검색엔진 |
|
ST40RA150XHA 데이터시트(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST40RA150XHA 데이터시트(HTML) 26 Page - STMicroelectronics |
|
26 / 94 page ![]() ADCS 7260755H STMicroelectronics 26/94 ST40RA 5 System configuration 5.9.3 LMI.CIC 5.9.4 SYSCONF registers All ST40 systems contain a number of general purpose configuration registers which may be used to configure system logic. The definition of the general registers and their access functions is defined in the ST40 System Architecture Manual. For ST40RA the bits within these registers have the following function. 5.9.4.1 SYSCONF.SYS_STAT1. LMI.CIC LMI clock and pad status 0x040 LMI.CIC reflects the status of the glue logic. [4:0] DLY_STATE DLL delay state RO 5 DLL_LOCK DLL lock signal RO 6 PLL_LOCK PLL lock signal RO [8:7] DLL_STATE DLL state RO [21:9] PLL_SETUP_STATE PLL setup state RO [24:22] DLL_SETUP_STATE DLL setup state RO [26:25] DLL_BYPASS DLL bypass state RO [31:27] LMI_SETUP LMI.CFG setup for external delay RO SYS_STAT1 Memory bridge status 0x0040 [3:0] Reserved [10:4] STATUS1 Status memory bridge 1 RO [17:11] STATUS2 Status memory bridge 2 RO [24:18] STATUS3 Status memory bridge 3 RO [31:25] STATUS4 Status memory bridge 4 RO [38:32] STATUS5 Status memory bridge 5 RO [45:39] STATUS6 Status memory bridge 6 RO [52:46] STATUS7 Status memory bridge 7 RO [63:53] Reserved |