| 전자부품 데이터시트 검색엔진 |
|
UT3403-AE3-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT3403-AE3-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT3403 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2007 Unisonic Technologies Co., Ltd QW-R502-145.A P-CHANNEL ENHANCEMENT MODE DESCRIPTION The UTC UT3403 is P-channel enhancement mode Power MOSFET, designed with high density cell, with fast switching speed, low on-resistance, excellent thermal and electrical capabilities, operation with low gate voltages. This device is suitable for use as a load switch or in PWM applications. SYMBOL 2.Gate 1.Source 3.Drain *Pb-free plating product number: UT3403L ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing UT3403-AE3-R UT3403L-AE3-R SOT-23 S G D Tape Reel MARKING |
유사한 부품 번호 - UT3403-AE3-R |
|
유사한 설명 - UT3403-AE3-R |