| 전자부품 데이터시트 검색엔진 |
|
ST40RA166XH6 데이터시트(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST40RA166XH6 데이터시트(HTML) 62 Page - STMicroelectronics |
|
62 / 94 page ![]() ADCS 7260755H STMicroelectronics 62/94 ST40RA 8 Pin description LDATA31 B6 MD31 Memory data SL I/O LDATA32 F1 MD32 Memory data SL I/O LDATA33 F2 MD33 Memory data SL I/O LDATA34 E1 MD34 Memory data SL I/O LDATA35 E2 MD35 Memory data SL I/O LDATA36 D1 MD36 Memory data SL I/O LDATA37 D2 MD37 Memory data SL I/O LDATA38 C1 MD38 Memory data SL I/O LDATA39 C2 MD39 Memory data SL I/O LDATA40 K1 MD40 Memory data SL I/O LDATA41 K2 MD41 Memory data SL I/O LDATA42 J1 MD42 Memory data SL I/O LDATA43 J2 MD43 Memory data SL I/O LDATA44 H1 MD44 Memory data SL I/O LDATA45 H2 MD45 Memory data SL I/O LDATA46 G1 MD46 Memory data SL I/O LDATA47 G2 MD47 Memory data SL I/O LDATA48 T1 MD48 Memory data SL I/O LDATA49 T2 MD49 Memory data SL I/O LDATA50 R1 MD50 Memory data SL I/O LDATA51 R2 MD51 Memory data SL I/O LDATA52 P1 MD52 Memory data SL I/O LDATA53 P2 MD53 Memory data SL I/O LDATA54 N1 MD54 Memory data SL I/O LDATA55 N2 MD55 Memory data SL I/O LDATA56 Y1 MD56 Memory data SL I/O LDATA57 Y2 MD57 Memory data SL I/O LDATA58 W1 MD58 Memory data SL I/O LDATA59 W2 MD59 Memory data SL I/O LDATA60 V1 MD60 Memory data SL I/O LDATA61 V2 MD61 Memory data SL I/O LDATA62 U1 MD62 Memory data SL I/O LDATA63 U2 MD63 Memory data SL I/O LBANK0 J3 BA0 Mem bank address SL O Pin name Loc Architecture signal name Pin function Pin Default Alternate Type Dir Table 35: PBGA ballout for ST40RA |