전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST24C16B3TR 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 ST24C16B3TR
상세설명  16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24C16B3TR 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button ST24C16B3TR Datasheet HTML 9Page - STMicroelectronics ST24C16B3TR Datasheet HTML 10Page - STMicroelectronics ST24C16B3TR Datasheet HTML 11Page - STMicroelectronics ST24C16B3TR Datasheet HTML 12Page - STMicroelectronics ST24C16B3TR Datasheet HTML 13Page - STMicroelectronics ST24C16B3TR Datasheet HTML 14Page - STMicroelectronics ST24C16B3TR Datasheet HTML 15Page - STMicroelectronics ST24C16B3TR Datasheet HTML 16Page - STMicroelectronics ST24C16B3TR Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
SO-a
E
N
CP
B
e
A
D
C
L
A1
α
1
H
h x 45˚
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e1.27–
–
0.050
–
–
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
0.90
0.016
0.035
α
0
°
8
°
0
°
8
°
N8
8
CP
0.10
0.004
Drawing is not to scale.
SO8 - 8 lead Plastic Small Outline, 150 mils body width
16/17
ST24/25C16, ST24/25W16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17