| 전자부품 데이터시트 검색엔진 |
|
ST5080A 데이터시트(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST5080A 데이터시트(HTML) 13 Page - STMicroelectronics |
|
13 / 32 page ![]() For both formats of Digital Interface, programma- ble functions are configured by writing to a num- ber of registers using a 2-byte write cycle (not in- cluding chip select byte in GCI). Most of these registers can also be read-back for verification. Byte one is always register address, while byte two is Data. Table 1 lists the register set and their respective adresses. Table 1: Programmable Register Intructions Function Address byte Data byte 7 654 3210 Single byte Power up/down PXXX XX 0 X none Write CR0 P 0 0 0 0 0 1 X see CR0 TABLE 2 Read-back CR0 P 0 0 0 0 1 1 X see CR0 Write CR1 P 0 0 0 1 0 1 X see CR1 TABLE 3 Read-back CR1 P 0 0 0 1 1 1 X see CR1 Write Data to receive path P 0 0 1 0 0 1 X see CR2 TABLE 4 Read data from DR P 001 011 X see CR2 Write Data to DX P 0 0 1 1 0 1 X see CR3 TABLE 5 Write CR4 P 0 1 0 0 0 1 X see CR4 TABLE 6 Read-back CR4 P 0 1 0 0 1 1 X see CR4 Write CR5 P 0 1 0 1 0 1 X see CR5 TABLE 7 Read-back CR5 P 0 1 0 1 1 1 X see CR5 Write CR6 P 0 1 1 0 0 1 X see CR6 TABLE 8 Read-back CR6 P 0 1 1 0 1 1 X see CR6 Write CR7 P 0 1 1 1 0 1 X see CR7 TABLE 9 Read-back CR7 P 0 1 1 1 1 1 X see CR7 Write CR8 P 1 0 0 0 0 1 X see CR8 TABLE 10 Read-back CR8 P 1 0 0 0 1 1 X see CR8 Write CR9 P 1 0 0 1 0 1 X see CR9 TABLE 11 Read-back CR9 P 1 0 0 1 1 1 X see CR9 Write Test Register CR10 P 1 0 1 0 0 1 X reserved NOTE 1: bit 7 of the address byte and data byte is always the first bit clocked into or out from: CI and CO pins when MICROWIRE serial port is enabled, or into and out from DR and DX pins when GCI mode selected. X = reserved: write 0 NOTE 2: ”P” bit is Power up/down Control bit. P = 1 Means Power Down. Bit 1 indicates, if set, the presence of a second byte. NOTE 3: Bit 2 is write/read select bit. ST5080A 13/32 |