전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST52T430K2 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 ST52T430K2
상세설명  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K2 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button ST52T430K2 Datasheet HTML 25Page - STMicroelectronics ST52T430K2 Datasheet HTML 26Page - STMicroelectronics ST52T430K2 Datasheet HTML 27Page - STMicroelectronics ST52T430K2 Datasheet HTML 28Page - STMicroelectronics ST52T430K2 Datasheet HTML 29Page - STMicroelectronics ST52T430K2 Datasheet HTML 30Page - STMicroelectronics ST52T430K2 Datasheet HTML 31Page - STMicroelectronics ST52T430K2 Datasheet HTML 32Page - STMicroelectronics ST52T430K2 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
ST52T430/E430
29/88
Figure 4.4 Interrupt Configuration Register 0
Table 4.2
Interrupts Description
Name
Description
Priority
Peripheral
Code
Maskable
EPROM
Locations
INT_ADC
ADC
Int
Programmable
000
yes
3-5
INT_PWM/
TIMER0
PWM/TIMER 0
Int
Programmable
001
yes
6-8
INT_PWM/
TIMER1
PWM/TIMER 1
Int
Programmable
010
yes
9-11
INT_PWM/
TIMER2
PWM/TIMER 2
Int
Programmable
011
yes
12-14
INT_SCI
SCI
Int
Programmable
100
yes
15-17
INT_EXT
External
Interrupt (INT)
Ext
Highest
-
yes
18-20
D0
D1
D2
D3
D4
D5
D6
D7
MSKE: Ext. Int.
Not Used
PEXTINT: Ext. Int. Polariry
MSCI: SCI Int.
MSKTM0: Timer0 Int.
MSKAD: A/D Int.
MSKTM1: Timer1 Int.
MSKTM2: Timer2 Int.
REG_CONF0
Interrupts Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88