전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST52T430K3 데이터시트(PDF) 83 Page - STMicroelectronics

부품명 ST52T430K3
상세설명  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K3 데이터시트(HTML) 83 Page - STMicroelectronics

Back Button ST52T430K3 Datasheet HTML 79Page - STMicroelectronics ST52T430K3 Datasheet HTML 80Page - STMicroelectronics ST52T430K3 Datasheet HTML 81Page - STMicroelectronics ST52T430K3 Datasheet HTML 82Page - STMicroelectronics ST52T430K3 Datasheet HTML 83Page - STMicroelectronics ST52T430K3 Datasheet HTML 84Page - STMicroelectronics ST52T430K3 Datasheet HTML 85Page - STMicroelectronics ST52T430K3 Datasheet HTML 86Page - STMicroelectronics ST52T430K3 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
ST52T430/E430
83/88
Table 12.16 PDIP32 Shrink PACKAGE MECHANICAL DATA
DIM
mm
inch
MIN
TYP.
MAX
MIN
TYP.
MAX
A
0.140
0.148
0.200
A1
0.02
A2
0.120
0.140
0.18
b
0.014
0.018
0.023
b1
0.030
0.040
0.055
C
0.008
0.010
0.014
D
1.080
1.100
1.120
E
0.390
0.410
0.435
E1
0.300
0.350
0.370
e
0.070
eAl
0.400
eB
0.500
eC
0.055
L
0.100
0.120
0.150
1
32
17
16
b1
b
e
D
E
eC
E1
eA
eB
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88