전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB75NF75L 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STB75NF75L
상세설명  N-channel 75V - 0.009廓 - 75A - D2PAK STripFET??II Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB75NF75L 데이터시트(HTML) 3 Page - STMicroelectronics

  STB75NF75L_07 Datasheet HTML 1Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 2Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 3Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 4Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 5Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 6Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 7Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 8Page - STMicroelectronics STB75NF75L_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STB75NF75L
Electrical ratings
3/13
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
75
V
VGS
Gate-source voltage
± 15
V
ID
(1)
1.
Current limited by package
Drain current (continuous) at TC = 25°C
75
A
ID
Drain current (continuous) at TC = 100°C
70
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
300
A
PTOT
Total dissipation at TC = 25°C
300
W
Derating factor
2
W/°C
dv/dt (3)
3.
ISD ≤75A, di/dt ≤500A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX
Peak diode recovery voltage slope
10
V/ns
EAS
(4)
4.
Starting TJ = 25
oC, I
D = 37.5A, VDD = 30V
Single pulse avalanche energy
680
mJ
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case Max
0.5
°C/W
RthJA
Thermal resistance junction-ambient Max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com