전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STR91XFAX47 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STR91XFAX47
상세설명  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XFAX47 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STR91XFAX47 Datasheet HTML 7Page - STMicroelectronics STR91XFAX47 Datasheet HTML 8Page - STMicroelectronics STR91XFAX47 Datasheet HTML 9Page - STMicroelectronics STR91XFAX47 Datasheet HTML 10Page - STMicroelectronics STR91XFAX47 Datasheet HTML 11Page - STMicroelectronics STR91XFAX47 Datasheet HTML 12Page - STMicroelectronics STR91XFAX47 Datasheet HTML 13Page - STMicroelectronics STR91XFAX47 Datasheet HTML 14Page - STMicroelectronics STR91XFAX47 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
STR91xFAx3x, STR91xFAx4x
Device summary
11/101
2
Device summary
Table 2.
Device summary
Part Number
Flash KB
RAM KB
Major Peripherals
Package
STR910FAM32
256+32
64
CAN, 40 I/Os
LQFP80,
12x12 mm
STR910FAW32
256+32
64
CAN, EMI, 80 I/Os
LQFP128,
14x14 mm
STR910FAZ32
256+32
64
CAN, EMI, 80 I/Os
LFBGA144
10 x 10 x 1.7
STR911FAM42
256+32
96
USB, CAN, 40 I/Os
LQFP80,
12x12mm
STR911FAM44
512+32
96
STR911FAM46
1024+128
96
USB, CAN, 40 I/Os
LQFP80,
12x12mm
STR911FAM47
2048+128
96
STR911FAW42
256+32
96
USB, CAN, EMI, 80 I/Os
LQFP128,
14x14mm
STR911FAW44
512+32
96
STR911FAW46
1024+128
96
USB, CAN, EMI, 80 I/Os
LQFP128,
14x14mm
STR911FAW47
2048+128
96
STR912FAW32
256+32
64
Ethernet, USB, CAN, EMI, 80
I/Os
LQFP128
STR912FAW42
256+32
96
Ethernet, USB, CAN, EMI, 80
I/Os
LQFP128
STR912FAW44
512+32
96
STR912FAW46
1024+128
96
Ethernet, USB, CAN, EMI, 80
I/Os
LQFP128
STR912FAW47
2048+128
96
STR912FAZ42
256+32
96
Ethernet, USB, CAN, EMI, 80
I/Os
LFBGA144
10 x 10 x 1.7
STR912FAZ44
512+32
96
STR912FAZ46
1024+128
96
Ethernet, USB, CAN, EMI, 80
I/Os
LFBGA144
10 x 10 x 1.7
STR912FAZ47
2048+128
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More