| 전자부품 데이터시트 검색엔진 |
|
ST62T08C 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T08C 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 70 page ![]() 4/70 ST62T08C/T09C ST62T10C/T20C/E20C 1 GENERAL DESCRIPTION 1.1 INTRODUCTION The ST62T08C,T09C,T10C,T20C and ST62E20C devices are low cost members of the ST62xx 8-bit HCMOS family of microcontrollers, which is target- ed at low to medium complexity applications. All ST62xx devices are based on a building block ap- proach: a common core is surrounded by a number of on-chip peripherals. The ST62E20C is the erasable EPROM version of the ST62T08C,T09C,T10C and T20C device, which may be used to emulate the ST62T08C,T09C,T10C and T20C device, as well as the respective ST6208C,09C,10C,20C ROM devices. OTP and EPROM devices are functionally identi- cal. The ROM based versions offer the same func- tionality selecting as ROM options the options de- fined in the programmable option bytes of the OTP/EPROM versions. OTP devices offer all the advantages of user pro- grammability at low cost, which make them the ideal choice in a wide range of applications where frequent code changes, multiple code versions or last minute programmability are required. These compact low-cost devices feature a Timer comprising an 8-bit counter and a 7-bit program- mable prescaler,an 8-bit A/D Converter with up to 8 analog inputs and a Digital Watchdog timer, making them well suited for a wide range of auto- motive, appliance and industrial applications. Figure 1. Block Diagram TEST NMI INTERRUPT PROGRAM 1836 Bytes PC STACK LEVEL 1 STACK LEVEL 2 STACK LEVEL 3 STACK LEVEL 4 STACK LEVEL 5 STACK LEVEL 6 POWER SUPPLY OSCILLATOR RESET DATA ROM USER SELECTABLE DATA RAM 64 Bytes PORT A PORT B TIMER DIGITAL 8 BIT CORE TEST/VPP 3884 Bytes (ST62T10C) (ST62T20C, E20C) 8-BIT A/D CONVERTER PA0..PA3 (20mA Sink) TIMER VDD VSS OSCin OSCout RESET WATCHDOG : MEMORY PB0..PB7 / Ain (*) 1036 Bytes (ST62T08C,T09C) (*) Analog input availability depend on versions 92 |