전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST62T18C 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 ST62T18C
상세설명  8-BIT MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 20-PIN PACKAGE
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T18C 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button ST62T18C Datasheet HTML 35Page - STMicroelectronics ST62T18C Datasheet HTML 36Page - STMicroelectronics ST62T18C Datasheet HTML 37Page - STMicroelectronics ST62T18C Datasheet HTML 38Page - STMicroelectronics ST62T18C Datasheet HTML 39Page - STMicroelectronics ST62T18C Datasheet HTML 40Page - STMicroelectronics ST62T18C Datasheet HTML 41Page - STMicroelectronics ST62T18C Datasheet HTML 42Page - STMicroelectronics ST62T18C Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
39/82
ST62T18C/E18C
I/O PORTS (Cont’d)
4.1.3 ARTimer alternate functions
When bit PWMOE of register ARMC is low, pin AR-
TIMout/PA2 is configured as any standard pin of
port B through the port registers. When PWMOE is
high, ARTIMout/PA2 is the PWM output, independ-
ently of the port registers configuration. ARTIMin/
PA3 is connected through the port registers as any
standard pin of port B. To use PARTIMin/PA3 as
AR Timer input, it must be configured as input
though DDRB.
4.1.4 UART alternate functions
PD4/RXD1 pin must be configured as input
through the DDR and OR registers to be used as
reception line for the UART. All input modes are
available and PD4 can be read independently of
the UART at any time.
PD5/TXD1 pin must be configured as output
through the DDR and OR registers to be used as
transmission line for the UART. Value present on
the pin in output mode is the Data register content
as long as no transmission is active.
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82