전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSD401A1 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 PSD401A1
상세설명  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD401A1 데이터시트(HTML) 5 Page - STMicroelectronics

  PSD401A1 Datasheet HTML 1Page - STMicroelectronics PSD401A1 Datasheet HTML 2Page - STMicroelectronics PSD401A1 Datasheet HTML 3Page - STMicroelectronics PSD401A1 Datasheet HTML 4Page - STMicroelectronics PSD401A1 Datasheet HTML 5Page - STMicroelectronics PSD401A1 Datasheet HTML 6Page - STMicroelectronics PSD401A1 Datasheet HTML 7Page - STMicroelectronics PSD401A1 Datasheet HTML 8Page - STMicroelectronics PSD401A1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 123 page
background image
PSD4XX Family
2
1.0
Introduction
(cont.)
The PSD4XX has 40 I/O pins that are divided among 5 ports. Each I/O pin can be
individually configured to provide many functions, including the following:
• MCU I/O
• GPLD I/O
• Latched address output (for MCUs with multiplexed data bus)
• Data bus (for MCUs with non-multiplexed data bus).
The PSD4XX can easily interface with virtually any 8- or 16-bit microcontroller with a
multiplexed or non-multiplexed bus. All of the MCU control signals are connected to the
ZPLDs, enabling the user to generate signals for external devices.
The PSD4XX provides between 256 Kbits and 1 Mbit of EPROM that is divided in to four
equal-sized blocks. Each block can occupy a different address location, allowing for
versatile address mapping. The access time of the EPROM includes the address latching
and DPLD decoding.
The PSD4XX has an optional 16 Kbit SRAM that can be battery-backed by connecting a
battery to the Vstby pin. The battery will protect the contents of the SRAM in the event of a
power failure. Therefore, you can place data in the SRAM that you want to keep after the
power is switched off. Power switchover to the battery automatically occurs when VCC drops
below Vstby.
A four-bit Page Register enables easy access to the I/O section, EPROM, and SRAM for
microcontrollers with limited address space. The Page Register outputs are connected to
both ZPLDs and thus can also be used for external paging schemes.
The Power Management Unit (PMU) of the PSD4XX enables the user to control the
power consumption on selected functional blocks, based on system requirements.
For microcontrollers that do not generate a chip select input for the PSD, the Automatic
Power-Down (APD) unit of the PMU can be setup to enable the PSD to enter Power Down
Mode or Sleep Mode, based on the inactivity of ALE (or AS).
Implementing your design has never been easier than with PSDsoft—ST’s software
development suite. Using PSDsoft, you can do the following:
• Configure your PSD4XX to work with virtually any microcontroller
• Specify what you want implemented in the programmable logic using a design file
• Simulate your design
• Download your design to the part using a programmer.
2.0
Key Features
t Single-chip programmable peripheral for microcontroller-based applications
t 256K to 1 Mbit of UV EPROM with the following features:
• Configurable as 32, 64, or 128 K x 8; or as 16, 32, or 64 K x 16
• Divided into four equally-sized mappable blocks for optimized address mapping
• As fast as 70 ns access time, which includes address decoding
• Built-in Zero-power technology
t 16 Kbit SRAM is configurable as 2K x 8 or 1K x 16. The access time can be as
quick as 70 ns, including address decoding. The contents of the SRAM can be
battery-backed by connecting a battery to the Vstby pin. The SRAM also has built-in
Zero-power technology.
t 40 I/O pins (divided into five 8-bit ports) that can be individually configured for:
• Standard MCU I/O
• PLD/macrocell I/O
• Latched address output
• High-order address inputs
• Special function I/O
• Open-drain output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More