| 전자부품 데이터시트 검색엔진 |
|
ST6201CM1 데이터시트(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6201CM1 데이터시트(HTML) 49 Page - STMicroelectronics |
|
49 / 70 page ![]() 49/70 ST62T00C/T01C ST62T03C/E01C 6.2 RECOMMENDED OPERATING CONDITIONS Notes: 1. Care must be taken in case of negative current injection, where adapted impedance must be respected on analog sources to not affect the A/D conversion. For a -1mA injection, a maximum 10 K Ω is recommended. 2.An oscillator frequency above 1MHz is recommended for reliable A/D results Figure 27. Maximum Operating FREQUENCY (Fmax) Versus SUPPLY VOLTAGE (V DD) The shaded area is outside the recommended operating range; device functionality is not guaranteed under these conditions. Symbol Parameter Test Condition s Value Unit Min. Typ. Max. T A Operating Temperature 6 Suffix Version 1 Suffix Version 3 Suffix Version -40 0 -40 85 70 125 °C VDD Operating Supply Voltage fOSC = 4MHz, 1 & 6 Suffix fOSC = 4MHz, 3 Suffix fosc= 8MHz , 1 & 6 Suffix fosc= 8MHz , 3 Suffix 3.0 3.0 3.6 4.5 6.0 6.0 6.0 6.0 V fOSC Oscillator Frequency2) VDD = 3.0V, 1 & 6 Suffix VDD = 3.0V , 3 Suffix VDD = 3.6V , 1 & 6 Suffix VDD = 3.6V , 3 Suffix 0 0 0 0 4.0 4.0 8.0 4.0 MHz I INJ+ Pin Injection Current (positive) V DD = 4.5 to 5.5V +5 mA I INJ- Pin Injection Current (negative) V DD = 4.5 to 5.5V -5 mA 8 7 6 5 4 3 2 1 2.5 3 4 4.5 5 5.5 6 SUPPLY VOLTAGE (V DD) Maximum FREQU ENCY (MHz) FUNC TIONALITY IS NOT GUARANTEED IN THIS AREA 3 Suffix version 1 & 6 Suffix version 3.6 49 |